Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 134 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 134 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 130Page - Texas Instruments TMS320DM814x Datasheet HTML 131Page - Texas Instruments TMS320DM814x Datasheet HTML 132Page - Texas Instruments TMS320DM814x Datasheet HTML 133Page - Texas Instruments TMS320DM814x Datasheet HTML 134Page - Texas Instruments TMS320DM814x Datasheet HTML 135Page - Texas Instruments TMS320DM814x Datasheet HTML 136Page - Texas Instruments TMS320DM814x Datasheet HTML 137Page - Texas Instruments TMS320DM814x Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
3.2.22 Video Input (Digital)
Table 3-43. Video Input 0 (Digital) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
Video Input 0 (Digital)
VIN[0]B_CLK/
CLKOUT0, GP1
Video Input 0 Port B Clock input. Input clock for 8-bit
IPD
CLKOUT0/
AE17
I
PINCNTL134
Port B video capture. This signal is not used in 16-bit
DVDD
GP1[9]
DSIS: 0
and 24-bit capture modes.
GP2
VIN[0]A_CLK/
IPD
Video Input 0 Port A Clock input. Input clock for 8-bit ,
AB20
I
PINCNTL137
GP2[2]
DVDD
16-bit, or 24-bit Port A video capture.
DSIS: 0
VIN[0]A_D[23]/
CAM_IF,
CAM_D[15]/
EMAC[1]_RM,
IPD
EMAC[1]_RMTXEN/
AC16
I
SPI[3], GP0
DVDD_C
SPI[3]_D[0]/
PINCNTL163
GP0[17]
DSIS: PIN
VIN[0]A_D[22]/
CAM_IF,
CAM_D[14]/
EMAC[1]_RM,
IPD
EMAC[1]_RMTXD[1]/
AC21
I
SPI[3], GP0
DVDD_C
SPI[3]_D[1]/
PINCNTL162
GP0[16]
DSIS: PIN
VIN[0]A_D[21]/
CAM_IF,
CAM_D[13]/
EMAC[1]_RM,
IPD
EMAC[1]_RMTXD[0]/
AE18
I
SPI[3], GP0
DVDD_C
SPI[3]_SCLK/
PINCNTL161
GP0[15]
DSIS: PIN
VIN[0]A_D[20]/
CAM_IF,
CAM_D[12]/
EMAC[1]_RM,
IPD
EMAC[1]_RMCRSDV/
AC17
I
SPI[3], GP0
Video Input 0 Data inputs. For 16-bit capture, D[7:0] are
DVDD_C
SPI[3]_SCS[0]/
PINCNTL160
Cb/Cr and [15:8] are Y Port A inputs. For 8-bit capture,
GP0[14]
DSIS: PIN
D[7:0] are Port A YCbCr data inputs and D[15:8] are Port
B YCbCr data inputs. For RGB capture, D[23:16] are R,
VIN[0]A_D[19]/
CAM_IF,
D[15:8] are G, and D[7:0] are B data inputs.
CAM_D[11]/
EMAC[1]_RM,
IPU
EMAC[1]_RMRXD[0]/
AF21
I
I2C[3], GP0
DVDD_C
I2C[3]_SDA/
PINCNTL159
GP0[13]
DSIS: PIN
VIN[0]A_D[18]/
CAM_IF,
CAM_D[10]/
EMAC[1]_RM,
IPU
EMAC[1]_RMRXD[1]/
AF20
I
I2C[3], GP0
DVDD_C
I2C[3]_SCL/
PINCNTL158
GP0[12]
DSIS: PIN
CAM_IF,
VIN[0]A_D[17]/
EMAC[1]_RM,
CAM_D[9]/
IPD
AB21
I
I2C[3], GP0
EMAC[1]_RMRXER/
DVDD_C
PINCNTL157
GP0[11]
DSIS: PIN
VIN[0]A_D[16]/
CAM_IF, I2C[3],
CAM_D[8]/
IPU
GP0
AA21
I
I2C[2]_SCL/
DVDD_C
PINCNTL156
GP0[10]
DSIS: PIN
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal.
134
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com