Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 135 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 135 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 131Page - Texas Instruments TMS320DM814x Datasheet HTML 132Page - Texas Instruments TMS320DM814x Datasheet HTML 133Page - Texas Instruments TMS320DM814x Datasheet HTML 134Page - Texas Instruments TMS320DM814x Datasheet HTML 135Page - Texas Instruments TMS320DM814x Datasheet HTML 136Page - Texas Instruments TMS320DM814x Datasheet HTML 137Page - Texas Instruments TMS320DM814x Datasheet HTML 138Page - Texas Instruments TMS320DM814x Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-43. Video Input 0 (Digital) Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VIN[0]A_D[15]_BD[7]/
CAM_IF, GP2
IPD
CAM_SHUTTER/
AC14
I
PINCNTL155
DVDD
GP2[20]
DSIS: PIN
VIN[0]A_D[14]_BD[6]/
CAM_IF, GP2
IPD
CAM_STROBE/
AC12
I
PINCNTL154
DVDD
GP2[19]
DSIS: PIN
VIN[0]A_D[13]_BD[5]/
CAM_IF, GP2
IPD
CAM_RESET/
AF17
I
PINCNTL153
DVDD
GP2[18]
DSIS: PIN
VIN[0]A_D[12]_BD[4]/
CLKOUT1, GP2
IPD
Video Input 0 Data inputs. For 16-bit capture, D[7:0] are
CLKOUT1/
AG17
I
PINCNTL152
DVDD
Cb/Cr and [15:8] are Y Port A inputs. For 8-bit capture,
GP2[17]
DSIS: PIN
D[7:0] are Port A YCbCr data inputs and D[15:8] are Port
VIN[0]A_D[11]_BD[3]/
CAM_IF, GP2
B YCbCr data inputs. For RGB capture, D[23:16] are R,
IPD
CAM_WE/
AH17
I
PINCNTL151
D[15:8] are G, and D[7:0] are B data inputs.
DVDD
GP2[16]
DSIS: PIN
GP2
VIN[0]A_D[10]_BD[2]/
IPD
AH9
I
PINCNTL150
GP2[15]
DVDD
DSIS: PIN
GP2
VIN[0]A_D[9]_BD[1]/
IPD
AG9
I
PINCNTL149
GP2[14]
DVDD
DSIS: PIN
GP2
VIN[0]A_D[8]_BD[0]/
IPD
AB15
I
PINCNTL148
GP2[13]
DVDD
DSIS: PIN
GP2
VIN[0]A_D[7]/
IPD
AA11
I
PINCNTL147
GP2[12]
DVDD
DSIS: PIN
GP2
VIN[0]A_D[6]/
IPD
AH16
I
PINCNTL146
GP2[11]
DVDD
DSIS: PIN
GP2
VIN[0]A_D[5]/
IPD
AG16
I
PINCNTL145
GP2[10]
DVDD
DSIS: PIN
GP2
VIN[0]A_D[4]/
IPD
Video Input 0 Data inputs. For 16-bit capture, D[7:0] are
AH8
I
PINCNTL144
GP2[9]
DVDD
Cb/Cr and [15:8] are Y Port A inputs. For 8-bit capture,
DSIS: PIN
D[7:0] are Port A YCbCr data inputs and D[15:8] are Port
GP2
B YCbCr data inputs. For RGB capture, D[23:16] are R,
VIN[0]A_D[3]/
IPD
AE12
I
PINCNTL143
D[15:8] are G, and D[7:0] are B data inputs.
GP2[8]
DVDD
DSIS: PIN
GP2
VIN[0]A_D[2]/
IPD
AC9
I
PINCNTL142
GP2[7]
DVDD
DSIS: PIN
GP1
VIN[0]A_D[1]/
IPD
AB11
I
PINCNTL141
GP1[12]
DVDD
DSIS: PIN
GP1
VIN[0]A_D[0]/
IPD
AF9
I
PINCNTL140
GP1[11]
DVDD
DSIS: PIN
VIN[0]A_DE/
VIN[0]A, UART5,
Video Input 0 Port B Horizontal Sync input. Discrete
VIN[0]B_HSYNC/
IPU
I2C[2], GP2
horizontal synchronization signal for Port B 8-bit YCbCr
UART5_TXD/
AE21
I
DVDD
PINCNTL135
capture without embedded syncs (“BT.601” modes). Not
I2C[2]_SDA/
DSIS: 0
used in RGB or 16-bit YCbCr capture modes
GP2[0]
Video Input 0 Port A Horizontal Sync0 input. Discrete
VIN[0]A_HSYNC/
UART5, GP2
IPU
horizontal synchronization signal for Port A RGB capture
UART5_RTS/
AC20
I
PINCNTL138
DVDD
mode or YCbCr capture without embedded syncs
GP2[3]
DSIS: 0
(“BT.601” modes).
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
135
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com