Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 102Page - National Semiconductor (TI) PC87365 Datasheet HTML 103Page - National Semiconductor (TI) PC87365 Datasheet HTML 104Page - National Semiconductor (TI) PC87365 Datasheet HTML 105Page - National Semiconductor (TI) PC87365 Datasheet HTML 106Page - National Semiconductor (TI) PC87365 Datasheet HTML 107Page - National Semiconductor (TI) PC87365 Datasheet HTML 108Page - National Semiconductor (TI) PC87365 Datasheet HTML 109Page - National Semiconductor (TI) PC87365 Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 215 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
106
www.national.com
3.4.23
CEIR Wake-Up Address Register (IRWAD)
This register holds the unique address to be compared with the address contained in the incoming CEIR message. If CEIR
is enabled (bit 0 of the IRWCR register is 1) and an address match occurs, then bit 5 of the WK0_STS register is set to 1
(see Section 3.4.2).
This register is set to 00h on power-up of VPP or software reset.
Location:
Bank 1, Offset 15h
Type:
R/W
3.4.24
CEIR Wake-Up Address Mask Register (IRWAM)
Each bit in this register determines whether the corresponding bit in the IRWAD register is enabled in the address compar-
ison. Bits 5, 6 and 7 must be set to 1 if the RC-5 protocol is selected.
This register is set to E0h on power-up of VPP or software reset.
Location:
Bank 1, Offset 16h
Type:
R/W
Bit
76543210
Name
CEIR Wake-Up Address
Reset
00000000
Bit
76543210
Name
CEIR Wake-Up Address Mask
Reset
11100000
Bit
Description
7-0
CEIR Wake-Up Address Mask. If the corresponding bit is 0, the address bit is not masked (enabled for
compare). If the corresponding bit is 1, the address bit is masked (ignored during compare).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com