Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 106Page - National Semiconductor (TI) PC87365 Datasheet HTML 107Page - National Semiconductor (TI) PC87365 Datasheet HTML 108Page - National Semiconductor (TI) PC87365 Datasheet HTML 109Page - National Semiconductor (TI) PC87365 Datasheet HTML 110Page - National Semiconductor (TI) PC87365 Datasheet HTML 111Page - National Semiconductor (TI) PC87365 Datasheet HTML 112Page - National Semiconductor (TI) PC87365 Datasheet HTML 113Page - National Semiconductor (TI) PC87365 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 215 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
110
www.national.com
3.4.30
Standby General-Purpose I/O (SBGPIO) Register Overview
The SWC can be used to operate up to 12 VSB-powered general-purpose input/output (GPIO), input (GPI) or output (GPO)
pins, eight of which support event detection. These are as follows:
q
GPIOE0-5 are GPIO pins.
q
GPIE6,7 and GPIS2,3 are GPI pins.
q
GPOS0,1 are GPO pins.
For programming convenience, these pins are associated with two SBGPIO ports. Specifically, GPIE0-5 and GPIE6,7 are
associated with bits 0 to 7 of SBGPIO port 0, respectively, and GPOS0,1 and GPIS2,3 are associated with bits 0 to 3 of
SBGPIO port 1, respectively.
Table 42 provides a summary of the SBGPIO pin-to-port assignment and pin types.
Table 42. SBGPIO Pin Types and Associated Port
An SBGPIO port is structured as an 8-bit port, based on eight pins. It features:
• Software capability to manipulate and read pin levels.
• Controllable system notification by several means based on the pin level’s transition.
• Ability to capture and manipulate events and their associated status.
• Back-drive protected pins.
SBGPIO port operation is associated with two sets of registers:
• Pin configuration registers, mapped in the SWC register bank 3. These registers are used to statically set up the log-
ical behavior of each pin. There is one 8-bit register for each SBGPIO pin.
• Two 8-bit runtime registers: SBGPIO Data Out (SBGPDO) and SBGPIO Data In (SBGPDI). These registers are
mapped in the SWC device I/O space (determined by the base address registers in the SWC Device Configuration).
They are used to manipulate and/or read the pin values. Each runtime register corresponds to the 8-pin port de-
scribed above (see Table 42).
Each SBGPIO pin is associated with up to six configuration bits and the corresponding bit slice of the two runtime registers,
as shown in Figure 11.
The SBGPIO port has basic as well as enhanced functionality. Basic functionality includes the manipulation and reading of
the SBGPIO pins, as described in Section 6.2 on page 129. Enhanced functionality includes event detection, as described
in
Event Detection on page 112.
Pin(s)
Port
Type
Event
Detection
GPIOE0-5
0
I/O
Yes
GPIE6,7
0
I
Yes
GPOS0,1
1
O
No
GPIS2,3
1
I
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com