Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 108Page - National Semiconductor (TI) PC87365 Datasheet HTML 109Page - National Semiconductor (TI) PC87365 Datasheet HTML 110Page - National Semiconductor (TI) PC87365 Datasheet HTML 111Page - National Semiconductor (TI) PC87365 Datasheet HTML 112Page - National Semiconductor (TI) PC87365 Datasheet HTML 113Page - National Semiconductor (TI) PC87365 Datasheet HTML 114Page - National Semiconductor (TI) PC87365 Datasheet HTML 115Page - National Semiconductor (TI) PC87365 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 215 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
112
www.national.com
Configuration Options
The SBGPIO Pin Configuration register controls the following basic configuration options:
• Pin Direction - Controlled by Output Enable (bit 0).
• Output Type - Push-pull vs. open-drain. It is controlled by Output Type (bit 1) by enabling/disabling the pull-up portion of
the output buffer.
• Weak Static Pull-up - May be added to any type of port (input, open-drain or totem pole). It is controlled by Pull-Up Control
(bit 2).
• Pin Lock - A GPIO pin may be locked to prevent any changes in the output value and/or the output characteristics. The
lock is controlled by Lock (bit 3). It disables writes to the SBGPDO register bits and to bits 0-3 of the Standby GPIO Pin
Configuration register (Including the Lock bit itself). Once locked, it can be released by hardware reset only.
Operation
The value that is written to the SBGPDO register is driven to the pin, if the output is enabled. Reading from the SBGPDO
register returns its contents, regardless of the pin value or the port configuration. The SBGPDI register is a read-only register.
Reading from the SBGPDI register returns the pin value, regardless of what is driving it (the port itself, configured as an
output port, or the external device when the port is configured as an input port). Writing to this register is ignored.
Activation of the SBGPIO port is controlled by the same external, device-specific configuration bit (or a combination of bits)
that control the activation of the SWC. When the SWC logical device is inactive, access to both the SBGPDI and SBGPDO
registers is disabled. However, there is no change in the port configuration and in the SBGPDO value and hence there is no
effect on the outputs of the pins.
Event Detection
The enhanced SBGPIO port supports input event detection. This functionality is based on three configuration bits. The con-
figuration and operation of the event detection capability is shown in Figure 13. An SWC status register reflects the status
of each input event. SWC configuration registers determine the effect of each input event on the various means of system
notification available in the SWC.
Figure 13. Event Detection
Event
Enable
Event Polarity
Detected
Enabled Events
SBGPIO Pins
Input
Debouncer
Event
Internal
Bus
0
1
Pin
R/W 1 to Clear
Status
Rising Edge =1
Rising
Edge
Detector
from other
SBGPIO Pin Configuration Register
Event
Debounce
Enable
R/W
Bit 6
Bit 5
Indicator
Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com