Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 109Page - National Semiconductor (TI) PC87365 Datasheet HTML 110Page - National Semiconductor (TI) PC87365 Datasheet HTML 111Page - National Semiconductor (TI) PC87365 Datasheet HTML 112Page - National Semiconductor (TI) PC87365 Datasheet HTML 113Page - National Semiconductor (TI) PC87365 Datasheet HTML 114Page - National Semiconductor (TI) PC87365 Datasheet HTML 115Page - National Semiconductor (TI) PC87365 Datasheet HTML 116Page - National Semiconductor (TI) PC87365 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 215 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
113
www.national.com
Event Configuration
Each pin in the SBGPIO port is a potential input event source. The event detection can trigger a system notification upon predeter-
mined behavior of the source pin. The SBGPIO Pin Configuration register determines the event detection trigger type for the system
notification.
• Event Type and Polarity - One trigger type of event detection is supported: edge (Event Type, bit 4 = 0). An edge event
may be detected upon a source pin transition either from high to low or low to high. The direction of the transition (i.e.,
edge) is determined by Event Polarity (bit 5).
• Event Debounce Enable - The input signal can be debounced for about 15 msec before entering the detector. The signal
state is transferred to the detector only after a debouncing period during which the signal has no transitions, to ensure
that the signal is stable. The debouncer adds 15 msec delay to both assertion and de-assertion of the event pending
indicator. Therefore, when working with a level event and system notification by either SMI or IRQ, it is recommended
to disable the debounce if the delay in the SMI/IRQ de-assertion is not acceptable. The debounce is controlled by Event
Debounce Enable (bit 6 of the SBGPIO Pin Configuration register).
3.4.31
Standby GPIO Pin Select Register (SBGPSEL)
This register selects the GPIOE/GPIE pin (port number and pin number) to be configured (the register accessed by the
Standby GPIO Pin Configuration register). This register is reset to 00h on VPP power-up or software reset.
When port 0 is selected, bits 2-0 select between pins GPIE7,6 and GPIOE5-0. When port 1 is selected, bits 2-0 select be-
tween pins GPOS0 and GPOS1. Pins GPIS2 and GPIS3 are input only and require no configuration.
Location:
Bank 3, Offset 13h
Type:
R/W
Bit
76543210
Name
Reserved
Port Select
Reserved
Pin Select
Reset
00000000
Bit
Description
7-5
Reserved.
4
Port Select. This bit selects the GPIO port to be configured.
0: Port 0 (default)
1: Port 1
3
Reserved.
2-0
Pin Select. These bits select the GPIO pin to be configured in the selected port.
000, 001, ... 111:The binary value of the pin number, 0, 1, ... 7 respectively (default=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com