Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 113Page - National Semiconductor (TI) PC87365 Datasheet HTML 114Page - National Semiconductor (TI) PC87365 Datasheet HTML 115Page - National Semiconductor (TI) PC87365 Datasheet HTML 116Page - National Semiconductor (TI) PC87365 Datasheet HTML 117Page - National Semiconductor (TI) PC87365 Datasheet HTML 118Page - National Semiconductor (TI) PC87365 Datasheet HTML 119Page - National Semiconductor (TI) PC87365 Datasheet HTML 120Page - National Semiconductor (TI) PC87365 Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 215 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
117
www.national.com
3.4.35
Standby GPOS Data Out Register 1 (SB_GPDO1)
This register is set to 03h on VPP power-up or software reset only when the Lock bit of the SBGPCFG register is set to 0. It
determines the value to be driven on the GPSO0,1 pins.
Location:
Offset 0Ah
Type:
R/W
3.4.36
Standby GPIS Data In Register 1 (SB_GPDI1)
This register reflects the values of the GPOS0,1 and GPIS2,3 pins. Write to this register is ignored.
Location:
Offset 0Bh
Type:
RO
Bit
76543210
Name
Reserved
Data Out
Reset
00000011
Bit
Description
7-2
Reserved.
1-0
Data Out. Bits 1-0 correspond to pins GPOS1-0 respectively. The value of each bit determines the value driven
on the corresponding GPOS pin when its output buffer is enabled. Writing to the bit latches the written data
unless the bit is locked by the corresponding GPOS Configuration Lock bit. Reading the bit returns its value,
regardless of the pin value and configuration.
0: Corresponding pin level low
1: Corresponding pin level high (according to buffer type and static pull-up selection)
Bit
76543210
Name
Reserved
Data In
Reset
XXXXXXXX
Bit
Description
7-4
Reserved.
3-0
Data In. Reading each bit returns the value of the corresponding GPOS/GPIS pin.
0: Corresponding pin level low
1: Corresponding pin level high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com