Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 120 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 116Page - National Semiconductor (TI) PC87365 Datasheet HTML 117Page - National Semiconductor (TI) PC87365 Datasheet HTML 118Page - National Semiconductor (TI) PC87365 Datasheet HTML 119Page - National Semiconductor (TI) PC87365 Datasheet HTML 120Page - National Semiconductor (TI) PC87365 Datasheet HTML 121Page - National Semiconductor (TI) PC87365 Datasheet HTML 122Page - National Semiconductor (TI) PC87365 Datasheet HTML 123Page - National Semiconductor (TI) PC87365 Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 215 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
120
www.national.com
Table 47. Bank 3 - Standby General-Purpose I/O Configuration Registers Bitmap
1Ah
WK_X2EN1
GPIE7
Event Ex. 2
Enable
GPIE6
Event Ex. 2
Enable
GPIE5
Event Ex. 2
Enable
GPIE4/
RING
Event Ex. 2
Enable
GPIE3
Event Ex. 2
Enable
GPIE2
Event Ex. 2
Enable
GPIE1
Event Ex. 2
Enable
GPIE0
Event Ex. 2
Enable
1Bh
WK_X3EN0
Reserved
CEIR
Event Ex.
3 Enable
Mouse
Event Ex.
3 Enable
KBD
Event Ex. 3
Enable
RI2
Event Ex. 3
Enable
RI1
Event Ex. 3
Enable
1Ch
WK_X3EN1
GPIE7
Event Ex. 3
Enable
GPIE6
Event Ex. 3
Enable
GPIE5
Event Ex. 3
Enable
GPIE4/
RING
Event Ex. 3
Enable
GPIE3
Event Ex. 3
Enable
GPIE2
Event Ex. 3
Enable
GPIE1
Event Ex. 3
Enable
GPIE0
Event Ex. 3
Enable
1Dh-
1Fh
Reserved
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
13h
SBGPSEL
Reserved
Port
Select
Reserved
Pin Select
14h
SBGPCFG
Reserved
Event
Debounce
Enable
Event
Polarity
Event
Type
Lock
Pull-Up
Control
Output
Type
Output
Enable
15h-
1Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com