Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 148 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 148 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 144Page - National Semiconductor (TI) PC87365 Datasheet HTML 145Page - National Semiconductor (TI) PC87365 Datasheet HTML 146Page - National Semiconductor (TI) PC87365 Datasheet HTML 147Page - National Semiconductor (TI) PC87365 Datasheet HTML 148Page - National Semiconductor (TI) PC87365 Datasheet HTML 149Page - National Semiconductor (TI) PC87365 Datasheet HTML 150Page - National Semiconductor (TI) PC87365 Datasheet HTML 151Page - National Semiconductor (TI) PC87365 Datasheet HTML 152Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 215 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
148
www.national.com
8.3.4
ACB Control Status Register (ACBCST)
This register configures and controls the ACB functional block. It maintains the current ACB status and controls several ACB
functions. On reset and when the ACB is disabled, the non-reserved bits of ACBCST are cleared.
Location:
Offset 02h
Type:
Varies per bit
Bit
76543210
Name
Reserved
TGSCL
TSDA
GCMTCH
MATCH
BB
BUSY
Reset
0
0
0
X
0000
Bit
Type
Description
7-6
Reserved.
5
R/W
TGSCL (Toggle SCL Line). Enables toggling the SCL line during error recovery.
0: Clock toggle completed
1: When the SDA line is low, writing 1 to this bit toggles the SCL line for one cycle. Writing 1 to TGSCL
while SDA is high is ignored
4RO
TSDA (Test SDA Line). This bit reads the current value of the SDA line. It can be used while recovering
from an error condition in which the SDA line is constantly pulled low by an out-of-sync slave. Data written
to this bit is ignored.
3RO
GCMTCH (Global Call Match).
0: Start Condition or repeated Start and a Stop Condition (including illegal Start or Stop Condition)
1: In Slave mode, ACBCTL1.GCMEN is set and the address byte (the first byte transferred after a Start
Condition) is 00h
2RO
MATCH (Address Match).
0: Start Condition or repeated Start and a Stop Condition (including illegal Start or Stop Condition)
1: ACBADDR.SAEN is set and the first seven bits of the address byte (the first byte transferred after a
Start Condition) match the 7-bit address in the ACBADDR register
1
R/W1C BB (Bus Busy).
0: Writing 1, ACB disabled or Stop Condition detected
1: Bus active (a low level on either SDA or SCL) or Start Condition
0RO
Busy. This bit should always be written 0. This bit indicates the period between detecting a Start Condition
and completing receipt of the address byte. After this, the ACB is either free or enters Slave mode.
0: Completion of any state below or ACB disabled
1: ACB is in one of the following states:
—
Generating a Start Condition
—
Master mode (ACBST.MASTER is set)
—
Slave mode (ACBCST.MATCH or ACBCST.GCMTCH set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com