Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 148Page - National Semiconductor (TI) PC87365 Datasheet HTML 149Page - National Semiconductor (TI) PC87365 Datasheet HTML 150Page - National Semiconductor (TI) PC87365 Datasheet HTML 151Page - National Semiconductor (TI) PC87365 Datasheet HTML 152Page - National Semiconductor (TI) PC87365 Datasheet HTML 153Page - National Semiconductor (TI) PC87365 Datasheet HTML 154Page - National Semiconductor (TI) PC87365 Datasheet HTML 155Page - National Semiconductor (TI) PC87365 Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 215 page
background image
152
www.national.com
9.0
Voltage Level Monitor (VLM)
9.1
OVERVIEW
The Voltage Level Monitor (VLM) is an A/D converter that monitors various voltages in the system, reports their values to
system monitoring software and can set an alarm when any of these voltages is outside a specified range. The VLM con-
forms to LDCM and DMI requirements for system monitoring.
The VLM can sense up to 10 voltage values. Seven sources are external and can be applied per system requirements. Four
values are internal and used for VSB,VDD,VBAT and AVDD.VSB,VDD and AVDD are internally divided by 2 to allow detection
of voltage both over and under the specified range.
The host can query the various voltage readout values and configure the VLM to generate an ALARM signal when the volt-
age is outside a specified range (below ViLOW or above ViHIGH, where i is the channel number). The ALARM can generate
an interrupt internally.
9.2
FUNCTIONAL DESCRIPTION
The VLM incorporates an 8-bit A/D converter and a set of control, configuration and status registers and digital circuitry that
controls its operation. Figure illustrates the structure of the VLM module.
The VLM measures the various input voltages periodically, as defined by the conversion rate setting (see Section 9.5.9). At
the beginning of each period, a measurement trigger is issued, which starts a burst of conversion operations. The burst in-
cludes scanning all enabled channels starting from channel 0.
To guarantee the stability of the signal at the input of the A/D converter, a delay is added between the end of each conversion
and the beginning of the next. The delay between samples should be adjusted according to the resistance and capacitance
of the input source. See Section 9.7.1 for information on how to calculate the sampling delay; see Section 9.5.9 for the as-
sociated programing model.
The voltage readout is an unsigned integer between 0 and 255. Section 9.2.1 describes how the readout is converted to a
voltage value.
The VLM is designed to preserve indication of failures by disabling the conversion whenever the SLPS3 input becomes ac-
tive (i.e., VDD is expected to drop) and whenever an error is detected. The conversion and register updates resume only
after power is restored and normal system operation resumes. To prevent loss of error condition flagging, the conversions
for voltage measurement channels that are out of range are stopped until the ALARM status is cleared. Whenever SLPS3
is not available in the system, the SLPS3 input should be tied to 1 and the software should disable the measurements before
the power fails or ignore and clear any pending error flags after power is restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com