Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 152Page - National Semiconductor (TI) PC87365 Datasheet HTML 153Page - National Semiconductor (TI) PC87365 Datasheet HTML 154Page - National Semiconductor (TI) PC87365 Datasheet HTML 155Page - National Semiconductor (TI) PC87365 Datasheet HTML 156Page - National Semiconductor (TI) PC87365 Datasheet HTML 157Page - National Semiconductor (TI) PC87365 Datasheet HTML 158Page - National Semiconductor (TI) PC87365 Datasheet HTML 159Page - National Semiconductor (TI) PC87365 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
156
www.national.com
9.5
VLM REGISTERS
The register maps in this chapter use the following abbreviations for Type:
• R/W = Read/Write.
• R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
• W = Write.
• RO = Read Only.
• R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
9.5.1
VLM Register Map
Table 48. VLM Control and Status Register Map
Table 49. VLM Channel Register Map (One per Channel)
Offset
Mnemonic
Register Name
Type
Section
00h
VEVSTS0
Voltage Event Status 0
RO
9.5.2
01h
VEVSTS1
Voltage Event Status 1
RO
9.5.3
02h
VEVSMI0
Voltage Event to SMI 0
R/W
9.5.4
03h
VEVSMI1
Voltage Event to SMI 1
R/W
9.5.5
04h
VEVIRQ0
Voltage Event to IRQ 0
R/W
9.5.6
05h
VEVIRQ1
Voltage Event to IRQ 1
R/W
9.5.7
06h
VID
Voltage ID
Varies per bit
9.5.8
07h
VCNVR
Voltage Conversion Rate
R/W
9.5.9
08h
VLMCFG
VLM Configuration
R/W
9.5.10
09h
VLMBS
VLM Bank Select
R/W
9.5.11
Offset
Mnemonic
Register Name
Type
Section
0Ah
VCHCFST
Voltage Channel Configuration and Status
Varies per bit
9.5.12
0Bh
RDCHV
Read Channel Voltage
RO
9.5.13
0Ch
CHVH
Channel Voltage High Limit
R/W
9.5.14
0Dh
CHVL
Channel Voltage Low Limit
R/W
9.5.15
0Eh-
0Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com