Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 156Page - National Semiconductor (TI) PC87365 Datasheet HTML 157Page - National Semiconductor (TI) PC87365 Datasheet HTML 158Page - National Semiconductor (TI) PC87365 Datasheet HTML 159Page - National Semiconductor (TI) PC87365 Datasheet HTML 160Page - National Semiconductor (TI) PC87365 Datasheet HTML 161Page - National Semiconductor (TI) PC87365 Datasheet HTML 162Page - National Semiconductor (TI) PC87365 Datasheet HTML 163Page - National Semiconductor (TI) PC87365 Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
160
www.national.com
9.5.6
Voltage Event to IRQ Register 0 (VEVIRQ0)
This register is one of two registers that controls event routing to IRQ.
Location:
Offset 04h
Type:
R/W
9.5.7
Voltage Event to IRQ Register 1 (VEVIRQ1)
This register is one of two registers that controls routing to IRQ.
Location:
Offset 05h
Type:
R/W
9.5.8
Voltage ID Register (VID)
This register indicates the configuration of the power supply regulator for the CPU(s).
Bit
76543210
Name
VSB Event
to IRQ
Enable
AVI6 Event
to IRQ
Enable
AVI5 Event
to IRQ
Enable
AVI4 Event
to IRQ
Enable
AVI3 Event
to IRQ
Enable
AVI2 Event
to IRQ
Enable
AVI1 Event
to IRQ
Enable
AVI0 Event
to IRQ
Enable
Reset
00000000
Bit
Description
7
VSB Event to IRQ Enable.
0: Disabled (default)
1: Enabled
6-0 AVI6-0 Event to IRQ Enable.
0: Disabled (default)
1: Enabled
Bit
76543210
Name
Reserved
AVDD Event
to IRQ
Enable
VBAT Event
to IRQ
Enable
VDD Event
to IRQ
Enable
Reset
00000000
Bit
Description
7-3 Reserved.
2
AVDD Event to IRQ Enable.
0: Disabled (default)
1: Enabled
1
VBAT Event to IRQ Enable.
0: Disabled (default)
1: Enabled
0
VDD Event to IRQ Enable.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com