Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 160Page - National Semiconductor (TI) PC87365 Datasheet HTML 161Page - National Semiconductor (TI) PC87365 Datasheet HTML 162Page - National Semiconductor (TI) PC87365 Datasheet HTML 163Page - National Semiconductor (TI) PC87365 Datasheet HTML 164Page - National Semiconductor (TI) PC87365 Datasheet HTML 165Page - National Semiconductor (TI) PC87365 Datasheet HTML 166Page - National Semiconductor (TI) PC87365 Datasheet HTML 167Page - National Semiconductor (TI) PC87365 Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
164
www.national.com
9.5.12
Voltage Channel Configuration and Status Register (VCHCFST)
This register indicates the current channel status.
Location:
Offset 0Ah - Banks 0 through 10
Type:
Varies per bit
Bit
76543210
Name
End of
Conversion
Reserved
ALARM
Output
Enable
Reserved
Channel
High Limit
Exceeded
Channel
Low Limit
Exceeded
Channel
Enable
Reset
00000000
Bit
Type
Description
7
RW1C End of Conversion. This bit indicates that the RDCHV register (see next page) holds new data. It is set
when new data is written into RDCHV as a result of completing a conversion for this channel. It is
cleared by writing 1 to this bit.
0: No new data (default)
1: New data not yet read
6-5
Reserved.
4
R/W ALARM Output Enable.
0: Disabled (default)
1: Enabled
3
Reserved.
2
RW1C Channel High Limit Exceeded.
0: Voltage lower than limit (default)
1: Voltage higher than limit
1
RW1C Channel Low Limit Exceeded.
0: Voltage higher than limit (default)
1: Voltage lower than limit
0
R/W Channel Enable.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com