Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 159Page - National Semiconductor (TI) PC87365 Datasheet HTML 160Page - National Semiconductor (TI) PC87365 Datasheet HTML 161Page - National Semiconductor (TI) PC87365 Datasheet HTML 162Page - National Semiconductor (TI) PC87365 Datasheet HTML 163Page - National Semiconductor (TI) PC87365 Datasheet HTML 164Page - National Semiconductor (TI) PC87365 Datasheet HTML 165Page - National Semiconductor (TI) PC87365 Datasheet HTML 166Page - National Semiconductor (TI) PC87365 Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
163
www.national.com
9.5.10
VLM Configuration Register (VLMCFG)
This register selects the channels and sets global configuration (not channel specific) values.
Location:
Offset 08h
Type:
R/W
9.5.11
VLM Bank Select Register (VLMBS)
This register selects a bank and its associated channels.
Location:
Offset 09h
Type:
R/W
Bit
76543210
Name
Reserved
External
VREF
Standby
Mode
Enable
Reset
00000011
Bit
Description
7-2 Reserved.
1
External VREF.
This bit selects either the internal or external reference voltage as a reference for the A/D Converter. Note
that if either the VLM or TMS specify the use of an internal VREF, the internal VREF will be used by both
these modules.
0: Internal VREF in use
1: External VREF in use (default)
0
Standby Mode Enable.
0: Monitoring operation enabled
1 Standby mode enabled (default)
Bit
76543210
Name
Reserved
Bank Select Value
Reset
00000000
Bit
Description
7-5 Reserved.
4-0 Bank Select Value. These bits contain the binary value that selects a bank and its associated channels
for configuration and viewing.
4 3 2 1 0
Bank Function
0 0 0 0 0
0
Channel 0 (default)
0 0 0 0 1
1
Channel 1
......
0 1 0 1 0
10
Channel 10
Other
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com