Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 163Page - National Semiconductor (TI) PC87365 Datasheet HTML 164Page - National Semiconductor (TI) PC87365 Datasheet HTML 165Page - National Semiconductor (TI) PC87365 Datasheet HTML 166Page - National Semiconductor (TI) PC87365 Datasheet HTML 167Page - National Semiconductor (TI) PC87365 Datasheet HTML 168Page - National Semiconductor (TI) PC87365 Datasheet HTML 169Page - National Semiconductor (TI) PC87365 Datasheet HTML 170Page - National Semiconductor (TI) PC87365 Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
167
www.national.com
9.7
USAGE HINTS
9.7.1
Calculating the Channel Delay
The channel delay is the interval between the time a new channel is selected and the time the channel voltage can be mea-
sured. The reason for this delay is to allow the voltage to charge all internal capacitors to guarantee accuracy of the mea-
surement. This delay period depends on characteristics of the input (resistance and capacitance) and of the external circuit.
Figure 31 shows the schematic of the input and its equivalent R-C circuit. The sampling time should be long enough to guar-
antee that the voltage settles on the capacitor CS. The voltage on CS should be stable before the measurement starts. The
RAIN and CAIN values represent the input path serial resistance and parallel capacitance. RAIN is the serial resistance of the
multiplexer, Sample & Hold switch and other parasitic resistors. CAIN is the parallel capacitance of the input pin, pad, lead-
frame, CS, etc. The required sampling time is determined by RAIN and CAIN together with the input source resistance
RSOURCE and parasitic capacitance CP. Table 50 can be used as a reference for calculating the sample time. Channel Delay
of the VCNVR register should be programmed accordingly.
0Ch
(Bank
0-10)
CHVH
Channel Voltage High Limit Value
0Dh
(Bank
0-10)
CHVL
Channel Voltage Low Limit Value
0Eh-
0Fh
Reserved
Table 50. Delay Setting Example
External
Elements
Delay Time
(ns)
RSOURCE
[K
Ω]
CP
[pF]
5
0.1
15
1
110
10
900
30
3200
Register
Bits
RAIN
CAIN
Input
Signal
RSOURCE
Figure 31. Analog Input Schematic Diagram and Equivalent R-C Circuit
Cs
Analog
AD0
AD1
AD2
AD3
AD4
AD5
AD6
MUX
VIN
RSOURCE
VIN
CP
CP is the parasitic capacitor including the external
RAIN is the equivalent serial resistance of all serial
elements inside the chip (pin, bonding, MUX, Sample &
elements (PCB capacitance etc.).
Hold switch, layout).
CS is the sampling capacitor.
CAIN is the equivalent parallel capacitance of the chip
parasitic capacitances and the CS capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com