Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 169 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 169 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 165Page - National Semiconductor (TI) PC87365 Datasheet HTML 166Page - National Semiconductor (TI) PC87365 Datasheet HTML 167Page - National Semiconductor (TI) PC87365 Datasheet HTML 168Page - National Semiconductor (TI) PC87365 Datasheet HTML 169Page - National Semiconductor (TI) PC87365 Datasheet HTML 170Page - National Semiconductor (TI) PC87365 Datasheet HTML 171Page - National Semiconductor (TI) PC87365 Datasheet HTML 172Page - National Semiconductor (TI) PC87365 Datasheet HTML 173Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 215 page
background image
169
www.national.com
10.0 Temperature Sensor (TMS)
10.1 OVERVIEW
The Temperature Sensor (TMS) is a diode input temperature sensor that consists of a Delta-Sigma Analog to Digital (A/D)
converter and a digital overtemperature detector. Both of these elements conform to Advance Configuration and Power In-
terface (ACPI) requirements for thermal management.
The TMS senses the temperature of two target ICs by measuring the voltage drop of diode(s) placed on the target IC’s die.
A host can query the TMS at any time to read the temperature of the remote diode(s). An ALERT interrupt output becomes
active when the temperature goes above THIGH or below TLOW. The host may program the two thresholds for each sensing
channel to define an operation window. Overtemperature Shutdown (OTS) output becomes active when the temperature
exceeds the programmable limit TOS.
10.2 FUNCTIONAL DESCRIPTION
The TMS incorporates a band-gap temperature sensor using remote diode(s) and an 8-bit Delta-Sigma Analog-to-Digital
Converter (A/D converter). Once enabled and put in active (non-standby mode), the TMS continuously measures tempera-
ture of up to two remote diodes. TMS readings are available at all times via the host interface. When SLPS3 input becomes
inactive, the conversion is stopped and no new results are generated until both SLPS3 becomes active and the internal wake
up sequence is completed. TMS registers are maintained by VSB during this period.
A digital comparator is also incorporated to compare temperature readings to user-programmable limits. OTS output indi-
cates that the result of the comparison exceeds the limit preset in the Channel Overtemperature Limit register. ALERT output
indicates that the result of the comparison is not within limits preset in the Channel Temperature High or Low Limit (CHTH
and CHTL) registers.
Figure 33 shows a simplified block diagram of the TMS. It represents only one remote diode (even though there are actually
two remote diodes and one or two OTS signals, one for each diode sensor or combined).
Figure 33.
TMS Simplified Block Diagram
Temperature
Sensor
Circuitry
DPi
DNi
∆−Σ
8-Bit
A/D Converter
Diode
Selector
Control
Logic
Temperature
Readout
Overtemp.
Shutdown
Setpoint
High and
Low Limit
Setpoints
Conversion
Rate
OTS
IRQ
SMI
TMS Module
ALERT
Overtemp
High
Low
Enable
and
Config
Logic
Enable
Bits
VDD
VSS
VSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com