Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 169Page - National Semiconductor (TI) PC87365 Datasheet HTML 170Page - National Semiconductor (TI) PC87365 Datasheet HTML 171Page - National Semiconductor (TI) PC87365 Datasheet HTML 172Page - National Semiconductor (TI) PC87365 Datasheet HTML 173Page - National Semiconductor (TI) PC87365 Datasheet HTML 174Page - National Semiconductor (TI) PC87365 Datasheet HTML 175Page - National Semiconductor (TI) PC87365 Datasheet HTML 176Page - National Semiconductor (TI) PC87365 Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 215 page
background image
10.0 Temperature Sensor (TMS) (Continued)
173
www.national.com
10.3 TMS REGISTERS
The TMS registers are divided into two groups: TMS Control and Status registers and TMS channel registers. The TMS
channel registers are duplicated for each channel.
The register maps in this chapter use the following abbreviations for Type:
• R/W = Read/Write.
• R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
• W = Write.
• RO = Read Only.
• R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
10.3.1
TMS Register Map
Table 52. TMS Control and Status Register Map
Table 53. TMS Channel Register Map (One per Channel)
Offset
Mnemonic
Register Name
Type
Section
00h
TEVSTS
Temperature Event Status
RO
10.3.2
01h
Reserved
02h
TEVSMI
Temperature Event to SMI
R/W
10.3.3
03h
Reserved
04h
TEVIRQ
Temperature Event to IRQ
R/W
10.3.4
05h-
07h
Reserved
08h
TMSCFG
TMS Configuration
R/W
10.3.5
09h
TMSBS
TMS Bank Select
R/W
10.3.6
Offset
Mnemonic
Register Name
Type
Section
0Ah
TCHCFST
Temperature Channel Configuration and Status
Varies per bit
10.3.7
0Bh
RDCHT
Read Channel Temperature
RO
10.3.8
0Ch
CHTH
Channel Temperature High Limit
R/W
10.3.9
0Dh
CHTL
Channel Temperature Low Limit
R/W
10.3.10
0Eh
CHOTL
Channel Overtemperature Limit
R/W
10.3.11
0Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com