Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 174 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 174 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 170Page - National Semiconductor (TI) PC87365 Datasheet HTML 171Page - National Semiconductor (TI) PC87365 Datasheet HTML 172Page - National Semiconductor (TI) PC87365 Datasheet HTML 173Page - National Semiconductor (TI) PC87365 Datasheet HTML 174Page - National Semiconductor (TI) PC87365 Datasheet HTML 175Page - National Semiconductor (TI) PC87365 Datasheet HTML 176Page - National Semiconductor (TI) PC87365 Datasheet HTML 177Page - National Semiconductor (TI) PC87365 Datasheet HTML 178Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 215 page
background image
10.0 Temperature Sensor (TMS) (Continued)
174
www.national.com
10.3.2
Temperature Event Status Register (TEVSTS)
This register is set to 00h on power-up of AVDD. It indicates which of the corresponding three TMS events has occurred.
Location:
Offset 00h
Type:
RO
Bit
76543210
Name
Reserved
Remote 2
Overtemp
Event
Status
Remote 2
ALERT
Event
Status
Remote 1
Overtemp
Event
Status
Remote 1
ALERT
Event
Status
Reset
00000000
Bit
Description
7-4 Reserved.
3
Remote 2 Overtemperature Event Status.
0: Event not detected (default)
1: Event detected
2
Remote 2 ALERT Event Status.
0: Event not detected (default)
1: Event detected
1
Remote 1 Overtemperature Event Status.
0: Event not detected (default)
1: Event detected
0
Remote 1 ALERT Event Status.
0: Event not detected (default)
1: Event detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com