Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 177 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 177 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 173Page - National Semiconductor (TI) PC87365 Datasheet HTML 174Page - National Semiconductor (TI) PC87365 Datasheet HTML 175Page - National Semiconductor (TI) PC87365 Datasheet HTML 176Page - National Semiconductor (TI) PC87365 Datasheet HTML 177Page - National Semiconductor (TI) PC87365 Datasheet HTML 178Page - National Semiconductor (TI) PC87365 Datasheet HTML 179Page - National Semiconductor (TI) PC87365 Datasheet HTML 180Page - National Semiconductor (TI) PC87365 Datasheet HTML 181Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 215 page
background image
10.0 Temperature Sensor (TMS) (Continued)
177
www.national.com
10.3.5
TMS Configuration Register (TMSCFG)
This register selects channels and sets global configuration (not channel-specific) values.
Location:
Offset 08h
Type:
R/W
10.3.6
TMS Bank Select Register (TMSBS)
This register selects banks and sets global configuration (not bank specific) values.
Location:
Offset 09h
Type:
R/W
Bit
76543210
Name
Reserved
External
VREF
Standby
Mode
Reset
00000011
Bit
Description
7-2 Reserved.
1
External VREF.
This bit selects either internal or external reference voltage for conversion. Note that if either the VLM or TMS
are configured to use the internal VREF, the internal VREF will be used by both.
0: Internal VREF in use
1: External VREF in use (default)
0
Standby Mode.
0: Monitoring operation enabled
1: Standby mode (default)
Bit
76543210
Name
Reserved
Bank Select
Reset
00000000
Bit
Description
7-4 Reserved.
3-0 Bank Select. These bits select the bank for configuration and viewing.
Bits
3 2 1 0
Bank
Function
0 0 0 0
0
Remote diode 1
0 0 0 1
1
Remote diode 2
Other
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com