Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 176Page - National Semiconductor (TI) PC87365 Datasheet HTML 177Page - National Semiconductor (TI) PC87365 Datasheet HTML 178Page - National Semiconductor (TI) PC87365 Datasheet HTML 179Page - National Semiconductor (TI) PC87365 Datasheet HTML 180Page - National Semiconductor (TI) PC87365 Datasheet HTML 181Page - National Semiconductor (TI) PC87365 Datasheet HTML 182Page - National Semiconductor (TI) PC87365 Datasheet HTML 183Page - National Semiconductor (TI) PC87365 Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 215 page
background image
10.0 Temperature Sensor (TMS) (Continued)
180
www.national.com
10.4 TMS REGISTER BITMAP
10.4.1
TMS Control and Status Registers
10.4.2
TMS Channel Registers
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
TEVSTS
Reserved
Remote 2
Overtemp
Event
Status
Remote 2
ALERT
Event
Status
Remote 1
Overtemp
Event
Status
Remote 1
ALERT
Event
Status
01h
Reserved
02h
TEVSMI
Reserved
Remote 2
Overtemp
Event to
SMI
Enable
Remote 2
ALERT
Event to
SMI
Enable
Remote 1
Overtemp
Event to
SMI
Enable
Remote 1
ALERT
Event to
SMI
Enable
03h
Reserved
04h
TEVIRQ
Reserved
Remote 2
Overtemp
Event to
IRQ
Enable
Remote 2
ALERT
Event to
IRQ
Enable
Remote 1
Overtemp
Event to
IRQ
Enable
Remote 1
ALERT
Event to
IRQ
Enable
05h-
07h
Reserved
08h
TMSCFG
Reserved
External
VREF
Standby
Mode
09h
TMSBS
Reserved
Bank Select
Register
Bits
Offset
Mnemonic
76543210
0Ah
TCHCFST
End of
Conversion
Open
OTS
Output
Enable
ALERT
Output
Enable
Channel
Overtemp
Limit
Exceeded
Channel
Temp High
Limit
Exceeded
Channel
Temp Low
Limit
Exceeded
Channel
Enable
0Bh
RDCHT
Channel Temperature Value
0Ch
CHTH
Channel Temperature High Limit Value
0Dh
CHTL
Channel Temperature Low Limit Value
0Eh
CHOTL
Channel Overtemperature Limit Value
0Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com