Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 183 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 183 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 179Page - National Semiconductor (TI) PC87365 Datasheet HTML 180Page - National Semiconductor (TI) PC87365 Datasheet HTML 181Page - National Semiconductor (TI) PC87365 Datasheet HTML 182Page - National Semiconductor (TI) PC87365 Datasheet HTML 183Page - National Semiconductor (TI) PC87365 Datasheet HTML 184Page - National Semiconductor (TI) PC87365 Datasheet HTML 185Page - National Semiconductor (TI) PC87365 Datasheet HTML 186Page - National Semiconductor (TI) PC87365 Datasheet HTML 187Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 215 page
background image
10.0 Temperature Sensor (TMS) (Continued)
183
www.national.com
10.5.4
Twisted Pair and Shielded Cables
For remote sensor distances longer than 8 in. or in particularly noisy environments, a twisted pair is recommended. Its prac-
tical length is 6 feet to 12 feet (typical) before noise becomes a problem, as tested in a noisy electronics laboratory. For
longer distances, the best solution is a shielded twisted pair like that used for audio microphones. Connect the twisted pair
to DXP and DXN and the shield to GND and leave the shield’s remote end unterminated.
Excess capacitance at DX_ limits practical remote sensor distances. For very long cable runs, the cable’s parasitic capaci-
tance often provides noise filtering, so the 2200 pF capacitor can often be removed or reduced in value.
Cable resistance also affects remote sensor accuracy: 1
Ω series resistance introduces about +1/2˚C error.
10.5.5
Obtaining the Specified VLM/TMS Accuracy
To obtain the specified VLM/TMS accuracy, use the following sequence on VSB power-up:
1. Set the TMS Logical Device base address.
2. Enable the TMS Logical Device.
3. Write 00h to index 08h of the TMS Logical Device.
4. Write 0Fh to index 09h of the TMS Logical Device.
5. Write 08h to index 0Ah of the TMS Logical Device.
6. Write 04h to index 0Bh of the TMS Logical Device.
7. Write 35h to index 0Ch of the TMS Logical Device.
8. Write 05h to index 0Dh of the TMS Logical Device.
9. Write 05h to index 0Eh of the TMS Logical Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com