Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 161Page - National Semiconductor (TI) PC87365 Datasheet HTML 162Page - National Semiconductor (TI) PC87365 Datasheet HTML 163Page - National Semiconductor (TI) PC87365 Datasheet HTML 164Page - National Semiconductor (TI) PC87365 Datasheet HTML 165Page - National Semiconductor (TI) PC87365 Datasheet HTML 166Page - National Semiconductor (TI) PC87365 Datasheet HTML 167Page - National Semiconductor (TI) PC87365 Datasheet HTML 168Page - National Semiconductor (TI) PC87365 Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
165
www.national.com
9.5.13
Read Channel Voltage Register (RDCHV)
This register holds the last voltage readout for each channel. The value is an 8-bit unsigned integer of the voltage measured
by the channel.
Location:
Offset 0Bh - Banks 0 to 10
Type:
RO
9.5.14
Channel Voltage High Limit Register (CHVH)
This register holds the voltage high limit value that is compared with the voltage reading.
Location:
Offset 0Ch - Banks 0 through 10
Type:
R/W
9.5.15
Channel Voltage Low Limit Register (CHVL)
This register holds the voltage low limit value that is compared with the voltage reading.
Location:
Offset 0Dh - Banks 0 through 10
Type:
R/W
Bit
76543210
Name
Channel Voltage Value
Reset
00000000
Bit
76543210
Name
Channel Voltage High Limit Value
Reset
11111111
Bit
76543210
Name
Channel Voltage Low Limit Value
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com