Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 168 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 168 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 164Page - National Semiconductor (TI) PC87365 Datasheet HTML 165Page - National Semiconductor (TI) PC87365 Datasheet HTML 166Page - National Semiconductor (TI) PC87365 Datasheet HTML 167Page - National Semiconductor (TI) PC87365 Datasheet HTML 168Page - National Semiconductor (TI) PC87365 Datasheet HTML 169Page - National Semiconductor (TI) PC87365 Datasheet HTML 170Page - National Semiconductor (TI) PC87365 Datasheet HTML 171Page - National Semiconductor (TI) PC87365 Datasheet HTML 172Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
168
www.national.com
9.7.2
Measuring Out of Range Positive and Negative Voltages
Only voltages within the range of 0V to (2.45
±0.05)*V
REF can be measured by the module. To measure voltages out of this
range, any of the external measurement pins can be used with the addition of external resistors that should be used as volt-
age dividers. (See Figure 32.)
9.7.3
Obtaining the Specified VLM/TMS Accuracy
To obtain the specified VLM/TMS accuracy, see Section 10.5.5 on page 183:
27.5
0.1
25
1
210
10
2220
30
7900
50
0.1
45
1
430
10
3350
30
11400
Table 50. Delay Setting Example
External
Elements
Delay Time
(ns)
RSOURCE
[K
Ω]
CP
[pF]
Figure 32. Measurement Out of Positive and Negative Voltages
R1
VIN (12V)
R2
AVI
R1
R2
AVI
VIN (-12V)
AVDD
AVSS
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com