Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 153Page - National Semiconductor (TI) PC87365 Datasheet HTML 154Page - National Semiconductor (TI) PC87365 Datasheet HTML 155Page - National Semiconductor (TI) PC87365 Datasheet HTML 156Page - National Semiconductor (TI) PC87365 Datasheet HTML 157Page - National Semiconductor (TI) PC87365 Datasheet HTML 158Page - National Semiconductor (TI) PC87365 Datasheet HTML 159Page - National Semiconductor (TI) PC87365 Datasheet HTML 160Page - National Semiconductor (TI) PC87365 Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
157
www.national.com
9.5.2
Voltage Event Status Register 0 (VEVSTS0)
This register indicates which of the corresponding eight VLM events has occurred.
Location:
Offset 00h
Type:
RO
9.5.3
Voltage Event Status Register 1 (VEVSTS1)
This register indicates which of the corresponding VLM events has occurred.
Location:
Offset 01h
Type:
RO
Bit
76543210
Name
VSB
ALARM
Event
Status
AVI6
ALARM
Event
Status
AVI5
ALARM
Event
Status
AVI4
ALARM
Event
Status
AVI3
ALARM
Event
Status
AVI2
ALARM
Event
Status
AVI1
ALARM
Event
Status
AVI0
ALARM
Event
Status
Reset
00000000
Bit
Description
7
VSB ALARM Event Status. This channel measures the internal VSB power, using VSB/2.
0: Voltage level within limits (default)
1: High or low limit exceeded
6-0 Analog Voltage Inputs 6-0 ALARM Event Status.
0: Voltage level within limits (default)
1: High or low limit exceeded
Bit
765432
1
0
Name
Reserved
AVDD
ALARM
Event
Status
VBAT
ALARM
Event
Status
VDD
ALARM
Event
Status
Reset
0
00000
0
0
Bit
Description
7-3 Reserved.
2
AVDD ALARM Event Status. This channel measures the internal AVDD power, using AVDD/2.
0: Voltage level within limits (default)
1: High or low limit exceeded
1
VBAT ALARM Event Status. This channel measures the VBAT power input.
0: Voltage level within limits (default)
1: High or low limit exceeded
0
VDD ALARM Event Status. This channel measures the internal VDD power, using VDD/2.
0: Voltage level within limits (default)
1: High or low limit exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com