Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 149Page - National Semiconductor (TI) PC87365 Datasheet HTML 150Page - National Semiconductor (TI) PC87365 Datasheet HTML 151Page - National Semiconductor (TI) PC87365 Datasheet HTML 152Page - National Semiconductor (TI) PC87365 Datasheet HTML 153Page - National Semiconductor (TI) PC87365 Datasheet HTML 154Page - National Semiconductor (TI) PC87365 Datasheet HTML 155Page - National Semiconductor (TI) PC87365 Datasheet HTML 156Page - National Semiconductor (TI) PC87365 Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
153
www.national.com
Figure 28. VLM Functional Diagram
9.2.1
Voltage Measurement, Channels 0 through 10
Voltage is measured relative to (2.45
±0.05)
*VREF (where VREF is the voltage of the VREF input or the internal reference volt-
age). The results are output to the Read Channel Voltage (RDCHV) register associated with the channel. The voltage mea-
sured is:
Vi = (2.45±0.05)*VREF *RDCHVi / 256
VSB,VDD and AVDD are internally divided by two. Therefore, the readouts are half their actual values. When external dividers
are used to scale input voltage to within the dynamic range of the A/D Converter, appropriate scale factors should be taken
into account.
VHIGH and VLOW Limits, ALARM Output, IRQ and SMI
The voltage reading is compared to two limits: VHIGH and VLOW. If the voltage reading is outside any of these limits, the
respective status bit (Channel High Limit Exceeded or Channel Low Limit Exceeded) in the VCHCFST register is set. The
status bit stays active until it is cleared by the software. An ALARM status bit in the VEVSTS0 or VEVSTS1 register is set
when the Channel High Limit Exceeded or the Channel Low Limit Exceeded bit for the respective channel is set.
The ALARM output is used to indicate to the system that a voltage outside the high/low limits was detected. The ALARM
output Enable bit in the VCHCFST register enables the ALARM output to be active when the Channel High Limit Exceeded
or the Channel Low Limit Exceeded status bit in the VCHCFST register is set.
The SMI output generates an interrupt if any enabled SMI event occurs. Each bit in the VEVSTS0/1 register has a corre-
sponding SMI Enable bit in the VEVSMI0/1 register. When any status bit and its corresponding SMI Enable bit are set, the
SMI output is active.
The IRQ output generates an interrupt if any enabled IRQ event occurs. Each bit in the VEVSTS0/1 register has a corre-
sponding IRQ Enable bit in the VEVIRQ0/1 register. When any status bit and its corresponding IRQ Enable bit are set, the
IRQ output is active.
A/D
11:1
Analog
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
MUX
AVss
VLM
Analog
Power
3.3V
Converter
VIN0
AVI0
AVI6
VIN0
VIN6
AD8
VSB
VDD
AD9
VBAT
Low
+
High
+
Alarm Enable
VREF
IRQ
ALARM
SMI
AVDD
REF
Internal
VREF
*(2.45
A/D Converter
Clock
Divider
Clock
Control Logic
Status,
Data & Config
Registers
Delay
Start
VSB
Power
AD10
AVDD
and
Configuration
Logic
±0.05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com