Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 151Page - National Semiconductor (TI) PC87365 Datasheet HTML 152Page - National Semiconductor (TI) PC87365 Datasheet HTML 153Page - National Semiconductor (TI) PC87365 Datasheet HTML 154Page - National Semiconductor (TI) PC87365 Datasheet HTML 155Page - National Semiconductor (TI) PC87365 Datasheet HTML 156Page - National Semiconductor (TI) PC87365 Datasheet HTML 157Page - National Semiconductor (TI) PC87365 Datasheet HTML 158Page - National Semiconductor (TI) PC87365 Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
155
www.national.com
Figure 29. Analog Power Supply
9.3.2
Reference Voltage
Analog input voltage is measured relative to (2.45
±0.05)*V
REF.VREF may be either internal or external. When an internal
VREF is used, a capacitor should be connected between the VREF pin and AVSS. The VREF default setting is for external.
This default prevents contention between the internal and external VREF.
Note that the VREF setting is common to both the VLM and the TMS modules. If either of these modules is configured to use
internal reference voltage, the internal reference voltage is used by both modules.
9.4
REGISTER BANK OVERVIEW
The VLM uses register banks to enable host access to its registers. The VLM has 10 common registers in addition to four
registers that are located in each of the 10 banks. The common registers include configuration and status information com-
mon to all the channels. Each of the banks is associated with one channel and holds its readout, configuration and status
information. All registers use the same 16-byte address space to indicate offsets 00h through 0Fh. The active bank must be
selected by the software.
The VLM Bank Selection (VLMBS) register, which is common to all banks, selects the active banks (see Figure 30). The
default bank selection after system reset is 0.
Figure 30. Register Bank Architecture
GND
Digital Ground Layer
Power
Analog
AVDD
C4 0.1
C3 0.1
AVSS
Analog Ground Layer
Power
Supply
R1
+
10
Ω
C2
AD0
AD6
AD0
AD6
C5
22
+
22
VIN
µF
µF
µF
µF
3.3 V
VREF
VREF
C1
0.47
µF
VREF
VSB
Offset 0Bh
Offset 0Eh
Offset 0Fh
VLMBS (09h)
Common
Registers
All Banks
Offset 0Ah
BANK 1
BANK 0
Offset 08h
.
Offset 00h
.
.
for
}
BANK 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com