Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 154 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 154 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 150Page - National Semiconductor (TI) PC87365 Datasheet HTML 151Page - National Semiconductor (TI) PC87365 Datasheet HTML 152Page - National Semiconductor (TI) PC87365 Datasheet HTML 153Page - National Semiconductor (TI) PC87365 Datasheet HTML 154Page - National Semiconductor (TI) PC87365 Datasheet HTML 155Page - National Semiconductor (TI) PC87365 Datasheet HTML 156Page - National Semiconductor (TI) PC87365 Datasheet HTML 157Page - National Semiconductor (TI) PC87365 Datasheet HTML 158Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 215 page
background image
9.0 Voltage Level Monitor (VLM) (Continued)
154
www.national.com
Alarm Response Read Sequence
When the VLM activates the ALARM output, the host should respond by reading the VEVSTS0 and VEVSTS1 registers. It
should then access the register of each of the channels whose bit is set in the VEVSTS0 and VEVSTS1 registers and clear
these bits by writing 1 to each of them.
9.2.2
Power-On Reset Default States
VLM power-on default conditions are:
• All registers are loaded with their default values.
• The ALARM output, IRQ and SMI are disabled.
9.2.3
Standby Mode
Standby mode is enabled by setting the Standby Mode Enable bit in the VLMCFG register. Standby mode reduces power
supply current by disabling new measurements, but register values are retained and the registers can be accessed by soft-
ware (as usual).
9.3
ANALOG SUPPLY CONNECTION
9.3.1
Recommendations
Power is supplied to the analog parts of the A/D Converter through two dedicated analog power pins: AVDD and AVSS. This
ensures effective isolation of the analog parts from noise caused by the digital parts. The digital parts of the VLM are supplied
via VSB. To obtain the best performance, bear in mind the following recommendations (see also details in Figure 29).
Ground Connection. The analog ground pin, AVSS, should be connected at only one point to the digital ground pins. At this
point, the following ground connections should also be made:
• The decoupling capacitors of the analog supply AV
DD pin.
• The reference voltage V
REF pin.
• The four digital supply V
SB pins.
• The ground reference of the input signals to the A/D Converter.
Low-impedance ground layers also improve noise isolation.
Power Connection. The analog supply pin, AVDD, should be connected to a low-noise power supply, 3.3V. It is recom-
mended to supply the AVDD pin through an external LC or RC filter. An example of an RC filter [R1 and (C2+C3)] is shown
in Figure 29.
Decoupling Capacitors. The following decoupling capacitors should be used:
• Digital V
SB: Place one capacitor of 0.1 µF on each VSB pin as close as possible to the pin (4 x C4). Also, place one 10-
47
µF tantalum capacitor (C
5) on the common net as close as possible to the chip.
• Analog AV
DD: Place a 0.1 µF capacitor and a 10-47 µF tantalum capacitor on the AVDD pins (C3 and C2) as close as
possible to the pin.
• V
REF: Place a low-leakage, non-polarized, 0.47 µF capacitor (C1) as close as possible to the VREF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com