Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 66 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 62Page - STMicroelectronics STV2249H Datasheet HTML 63Page - STMicroelectronics STV2249H Datasheet HTML 64Page - STMicroelectronics STV2249H Datasheet HTML 65Page - STMicroelectronics STV2249H Datasheet HTML 66Page - STMicroelectronics STV2249H Datasheet HTML 67Page - STMicroelectronics STV2249H Datasheet HTML 68Page - STMicroelectronics STV2249H Datasheet HTML 69Page - STMicroelectronics STV2249H Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
STV224XH/228XH/223XH - INPUT/OUTPUT SCHEMATIC DIAGRAMS
66/86
Figure 35. External Audio Input
Figure 36. PIF LC Inputs
VCCIF (5V)
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
EXTAUDIN
Pin 14 (SDIP56)
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
VCCIF (5 V)
PIFLC1
Pin 15 (SDIP56)
PIFLC2
Pin 16 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com