Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 24Page - STMicroelectronics STV2249H Datasheet HTML 25Page - STMicroelectronics STV2249H Datasheet HTML 26Page - STMicroelectronics STV2249H Datasheet HTML 27Page - STMicroelectronics STV2249H Datasheet HTML 28Page - STMicroelectronics STV2249H Datasheet HTML 29Page - STMicroelectronics STV2249H Datasheet HTML 30Page - STMicroelectronics STV2249H Datasheet HTML 31Page - STMicroelectronics STV2249H Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
28/86
Note 1: Additional sinked current for large increasing steps of input signal when:
- Voltage at PIFinput > Tuner AGC starting point adjustment given by the WR03(d5 to d0)
- Output Signal (IntCVBSout) saturated (VIntCBVSoutVwth) in positive modulation.
4.4.5 Synchronous Video Demodulator
Note 2: This parameter is not tested during production, it is tested during the qualification phase.
4.4.6 Demodulated Video Output (INTCVBSOUT Pin)
Note 3: S/N = 20 log [PIFOUT Black to White / VNOISE(mVRMS) weighted CCIR 567.
Note 4: Supply Voltage ripple rejection = 20log (VSUPPLY/VOUTPUT) measured at 100 Hz with VAC Max. = 100 mVpp ap-
plied to VCC IF = 5 V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DFPC
Vision Carrier Capture Range
±2
MHz
fVCO
Maximum VCO Frequency for PIF
regeneration
With external LC network at 50 MHz
(see Note 2)
50
MHz
VILOCK
PIF Input Signal for PIF PLL locking
40
70
µVRMS
TVCO
PIFVCO Temperature Coefficient
±20
ppm/K
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PIFOUT-Q
PIFOUT-I
Video Amplitude at INTCVBSOUT
Pin
Black-to-White Video amplitude:
reg 02 data = 10h
(INTCVBSOUT =2 VPP)
reg 02 data = 90h
(INTCVBSOUT =2.3 VPP)
1.19
1.36
1.4
1.6
1.61
1.84
V
BG/L
BG to L Ratio
Video amplitude bus register
Typ.: reg 02 data = 10 hex
58
%
DG
Differential Gain
3
5
%
DP
Differential Phase
3
5
deg
VPIF
Residual Carrier Signal
1
10
mVRMS
VR2IF
Residual 2nd Harmonic
1
10
mVRMS
S/N
Video Output S/N Ratio
See Note 3
55
60
dB
VWTH
White Noise Threshold Voltage
reg 02 data = 90h
2.3 VPP at INTCVBSOUT Pin
6.7
V
VWIL
White Noise Insertion Level
reg 02 data = 90h
2.3 VPP at INTCVBSOUT Pin
3.7
V
VBTH
Black Noise Threshold Voltage
reg 02 data = 90h
2.3 VPP at INTCVBSOUT Pin
1V
VBIL
Black Noise Insertion Level
reg 02 data = 90h
2.3 VPP at INTCVBSOUT Pin
2.6
V
BW
Video Bandwidth
6
8
10
MHz
LUMLIN
Luminance Non Linearity
5
%
ROUT
Internal Output Resistance
50
W
RLOAD
Output Load Resistance
reg 02 data = 10hex
(INTCVBOUT = 2 VPP)
23
k
W
IVID
Video Output Source Current
reg 02 data = 90hex
(INTCVBSOUT = 2.3 VPP)
710
13
mA
DCOUT
DC Output Level
Top Sync Level
2
V
Inter Mod.
1.07 MHz Intermodulation
Intercarrier Mode
52
dB
PSRR
Power Supply Ripple Rejection
Video signal Grey level (see Note 4)
BG standard
L standard
35
30
dB
NH
Suppression of Video signals har-
monics
35
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com