Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 55 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 51Page - STMicroelectronics STV2249H Datasheet HTML 52Page - STMicroelectronics STV2249H Datasheet HTML 53Page - STMicroelectronics STV2249H Datasheet HTML 54Page - STMicroelectronics STV2249H Datasheet HTML 55Page - STMicroelectronics STV2249H Datasheet HTML 56Page - STMicroelectronics STV2249H Datasheet HTML 57Page - STMicroelectronics STV2249H Datasheet HTML 58Page - STMicroelectronics STV2249H Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
STV224XH/228XH/223XH - I²C BUS SELECTION
55/86
01
SVHS status
1X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
No SVHS (CVBS mode).
SVHS mode.
Noise detection
1X
X
X
X
X
X
X
X
X
X
X
X
0
1
X
X
High S/N.
Low S/N.
Scanning Horizontal
phase-locked loop status
1X
X
X
X
X
X
X
X
X
X
0
1
X
X
X
X
Not locked.
Locked.
Safety status
1X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
Safety not active.
Safety active.
Fast Blanking detection on
external fast blanking pin
1X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
No insertion detected.
Insertion on FBext.
Test
1X
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
Not to be used
Scanning VCO
Calibration
1X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Not calibrated.
Calibrated.
FM demodulation VCO
calibration
10
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Not calibrated.
Calibrated.
02
Digital AFC status
3X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
1
1
1
1
0
0
0
1
0
0
0
1
FPLL - F0 < -300 kHz.
-300 kHz < FPLL - F0 < -60 kHz.
-60 kHz < FPLL - F0 < +60 kHz.
+60 kHz < FPLL- F0 < +300 kHz.
+300 kHz < FPLL - F0.
Sound carrier level
3X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
1
1
0
0
0
1
1
0
0
1
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Level 1 (low sound carrier signal).
Level 2.
Level 3.
Level 4.
Level 5.
Level 6.
Level 7.
Level 8 (high sound carrier signal)
Blue cut-off register and
cut-off loop status
20
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Blue CO register < 011110000
Blue CO register > 100001111
011110000 < Blue CO register < 100001111
and Icath not locked
011110000 < Blue CO register < 100001111
and Icath locked
03
IC identification
1X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
TQFP64
SDIP56
Tuner AGC Output Status
(reg 1Fh, d5d4 = 00 or 01
or 11)
10
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Tuner AGC Output not active
Tuner AGC Output active
AVL Gain Status
(reg 1Fh, d5d4 = 10)
10
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
AVL Gain Max. (Low audio signal)
AVL Gain Min. (High audio signal)
Reg.
Addr.
(Hex)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com