Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 27Page - STMicroelectronics STV2249H Datasheet HTML 28Page - STMicroelectronics STV2249H Datasheet HTML 29Page - STMicroelectronics STV2249H Datasheet HTML 30Page - STMicroelectronics STV2249H Datasheet HTML 31Page - STMicroelectronics STV2249H Datasheet HTML 32Page - STMicroelectronics STV2249H Datasheet HTML 33Page - STMicroelectronics STV2249H Datasheet HTML 34Page - STMicroelectronics STV2249H Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
31/86
Note 7: Measured from any input to output at f = 10 kHz with RL = 10k
W and Rg = 600W, Volume attenuation = 0dB.
4.4.17 AVL
4.5 CVBS, Y/C, RGB INPUTS AND CVBS OUTPUTS
4.5.1 Luminance & CVBS Inputs
4.5.2 Combined Chrominance & SVHS Selection Input
4.5.3 CVBS1 Output (Pin 29 - SDIP56)
S/N1
Signal to Noise Ratio from Exter-
nal Input
Measured at 0 dB attenuation,
Ext. Audio Input at 500 mVRMS,
CCIR 468-4 Weighted Quasi Peak
75
dB
S/N2
Signal to Noise Ratio from Exter-
nal Input
Measured at 20 dB attenuation,
0 dB reference
Ext. Audio Input at 500 mVRMS
55
60
dB
S/N3
Signal to Noise Ratio from FM
Demod
Measured at 20 dB attenuation,
FM: ± 27 kHz (Standards BGDKI)
52
55
dB
SVRV
Supply Voltage Rejection from
External Input
Measured at f = 100 Hz from
VCC = 5 V and VCC = 8 V
60
dB
XT
Crosstalk
See Note 7
70
dB
NOISE
Output Noise Level
CCIR 468-4 Weighted Quasi Peak
Volume at minimum
Volume at typical
Volume at maximum
50
50
100
60
60
120
µV
AFIN
Audio Input Level
Volume = -25 dB, THD < 1%
2
VRMS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
GAVL
AVL Gain Control Range
(7-bit Resolution)
20
dB
AVLMAX
Maximum attenuation
-15
dB
Reg.AVL
Regulation amplitude
Measured at AUDIOOUT
Volume Control at maximum
0.55
VRMS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DCIN1
Black Level Voltage
Input selected on main CVBS output
3.3
V
VIN
CVBS or Y Input Voltage
1
1.41
VPP
-I
Negative Clamping Current
During SYNC pulse
20
27
35
µA
I
Positive Clamping Current
2.5
4.5
7
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
Chrominance Input Voltage
Burst Amplitude, 100/75 Color Bar
0.3
0.6
VPP
VCLIP
Input Amplitude before Clipping
1
VPP
VDC
DC Voltage
SVHS Mode
1.55
1.70
1.85
V
VTH
SVHS Threshold Voltage
0.50
0.90
1.45
V
ILOW
Output Current
0V at CHR Pin
150
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Dynamic Output Amplitude
Register 1Dhex, data = 07hex
1.5
VPP
RLOAD
Output Load Resistance
Register 1Dhex, data = 07hex
3
k
W
BW
CVBS Bandwidth
Register 1Dhex, data = 07hex
VIN = 1 VPP
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com