Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 40Page - STMicroelectronics STV2249H Datasheet HTML 41Page - STMicroelectronics STV2249H Datasheet HTML 42Page - STMicroelectronics STV2249H Datasheet HTML 43Page - STMicroelectronics STV2249H Datasheet HTML 44Page - STMicroelectronics STV2249H Datasheet HTML 45Page - STMicroelectronics STV2249H Datasheet HTML 46Page - STMicroelectronics STV2249H Datasheet HTML 47Page - STMicroelectronics STV2249H Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
STV224XH/228XH/223XH - I²C BUS SPECIFICATIONS
44/86
5 I²C BUS SPECIFICATIONS
Data transfers follow the usual I²C format: after the start condition (S), a 7-bit slave address is sent, fol-
lowed by an eighth bit which is a data direction bit (W). An 8-bit sub-address is sent to select a register, fol-
lowed by an 8-bit data word to be included in the register.
The IC’s I²C bus decoder permits the automatic incrementation mode in write mode.
The circuit operates up to clock frequencies of 400 kHz.
String Format
Write only mode (S = start condition, P = stop condition, A = acknowledge)
Read only mode
Slave Address
S
SLAVE ADDRESS
0
A
SUB-ADDRESS
A
DATA
A
P
S
SLAVE ADDRESS
1
A
DATA 0
A
DATA 1
A
DATA 2
A
DATA 3
A
P
Address
A7
A6
A5
A4
A3
A2
A1
A0
Value
1
00010
1
X
Write Address:
10001010
Read Address:
10001011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com