Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 23Page - STMicroelectronics STV2249H Datasheet HTML 24Page - STMicroelectronics STV2249H Datasheet HTML 25Page - STMicroelectronics STV2249H Datasheet HTML 26Page - STMicroelectronics STV2249H Datasheet HTML 27Page - STMicroelectronics STV2249H Datasheet HTML 28Page - STMicroelectronics STV2249H Datasheet HTML 29Page - STMicroelectronics STV2249H Datasheet HTML 30Page - STMicroelectronics STV2249H Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
27/86
4.4 IF SECTION
Tamb = 25°C, VCCIF = 5 V, VCC2 = 8V, IF input =10 mVRMS (at sync level for negative modulation, or at
peak white level for positive modulation).
Video modulation DSB, D = 90% and fSC = 33.4 MHz in B/G, D = 95% in L, fPC = 38.9 MHz.
Video Bandwidth = 5 MHz, AF = 1 kHz, Audio Bandwidth = 20 kHz, FMdev =
±27 kHz.
Volume Attenuation = 0 dB, AM carrier input: 10 mVRMS, 54% modulated unless otherwise specified.
4.4.1 PIF Amplifier
4.4.2 PIFAGC Negative Modulation
4.4.3 PIFAGC Positive Modulation
4.4.4 Tuner AGC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VINPIF
Input Sensitivity
-1dB at Video Output (INTCVBSOUT)
75
85
95
µVRMS
RINPIF
Differential Input Resistance
PIF Inputs.
1.5
2
2.5
k
W
CINPIF
Differential Input Capacitance
PIF Inputs.
1.5
2
2.5
pF
GR
Gain Control Range
65
dB
VMax.
Maximum Input Signal
+1dB at Video Output (INTCVBSOUT) 0.12
0.15
VRMS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC
Charging Current at AGCPIFCAP Pin
450
675
900
µA
ID
Discharging Current at AGCPIFCAP
Pin
10
15
20
µA
IC/ID
Charging/Discharging Current Ratio
41
45
49
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC
Charging Current at AGCPIFCAP Pin
1.75
2.5
3.25
mA
ID
Discharging Current at AGCPIFCAP
Pin
0.15
0.25
0.35
µA
ICP
Additional Charging Current at
AGCPIFCAP Pin
L mode in case of missing VITS
pulses and no white in Video con-
tent
2.8
4
5.2
µA
THICP
Threshold for additional charging cur-
rent
Referred to nominal black level
2.3 VPP at INTCVBSOUT Pin
160
mV
IDP
Additional Discharging Current
20
30
40
µA
THIDP
Threshold for additional discharging
current
Referred to nominal black level
2.3 VPP at INTCVBSOUT Pin
-345
mV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IAGCT
Maximum Sinked Current
1.5
2
2.5
mA
SAGCT
Tuner AGC Slope (current)
Reg 03 (D7, D6)
00
01
10
11
50
95
170
270
µA/dB
IAGCP
Maximum Tuner plus Sinked Current (See Note 1)
40
mA
AGCST
Tuner AGC Starting Point (IF input
related signal)
Reg 03 (D5 to D0 = 10 0000)
Reg 03 (D5 to D0 = 00 0000)
Reg 03 (D5 to D0 = 11 1111)
12
2
80
mVRMS
STT
Variation of take over point with tem-
perature
0.03
0.07
dB/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com