Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 56 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 52Page - STMicroelectronics STV2249H Datasheet HTML 53Page - STMicroelectronics STV2249H Datasheet HTML 54Page - STMicroelectronics STV2249H Datasheet HTML 55Page - STMicroelectronics STV2249H Datasheet HTML 56Page - STMicroelectronics STV2249H Datasheet HTML 57Page - STMicroelectronics STV2249H Datasheet HTML 58Page - STMicroelectronics STV2249H Datasheet HTML 59Page - STMicroelectronics STV2249H Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
STV224XH/228XH/223XH - I²C BUS SELECTION
56/86
6.5 POWER-ON RESET - INITIAL BUS REGISTER CONDITIONS
Power-On Reset is active when the power supply VCCD is below 3 Volts.
All data from all registers must be written by microprocessor after power-on. Unused data must be set to
0. POR values are not tested during production.
Reg.
Addr.
(Hex)
Initial Data Value
Comments
d7 d6 d5 d4 d3 d2 d1 d0
00
1
0
0
0
0
0
0
0
PIFVCO free running fine adjustment Typical.
01
00
000
11
1
PIFVCO coarse typ, BG = 38.9 MHz, Negative modulation, AFC active,
no PIF over-modulation regulation.
02
0
0
0
1
0
0
0
0
CVBS amplitude Typical, 2VPP.
03
0
0
1
0
0
0
0
0
Tuner AGC starting point Typical, Tuner AGC gain Min.
04
00
000
00
0
FM/AM out selected, FM de-emphasis and FM deviation auto-control, FM demod.
active, FM out selected, QSS and AM demod. active.
05
0
1
1
1
1
1
1
1
Volume control attenuation at maximum, linear curve (dB).
06
00
000
00
0
PIF < 42 MHz, 6.5 MHz sound carrier selected, auto AGC SIF time constant, saw
filter switch control at low level, CVBS out enabled, QSS mode.
07
0
0
1
0
0
0
0
0
Contrast at middle, blue screen disabled.
08
0
0
1
0
0
0
0
0
Saturation at middle, half contrast disabled, oversize blanking disabled.
09
0
0
1
0
0
0
0
0
Brightness at middle, RGB Blanking not active.
0A
0
0
1
0
0
0
0
0
Red drive at middle, RGBext insertion enabled (FBext Pin control).
0B
0
0
1
0
0
0
0
0
Green drive at middle, black stretch disabled, black stretch ref 0IRE.
0C
0
0
1
0
0
0
0
0
Blue drive at middle, cut-off loop active.
0D
0
0
1
0
0
0
0
0
Red cut-off at middle, automatic cut-off loop.
0E
00
100
00
0Green cut-off at middle.
0F
00
001
00
0
Peaking on luma at middle, coring off, trap ON (CVBS & color identified), CVBS2
ON, white insertion not active.
10
0
0
0
1
0
0
0
0
APR disabled, APR threshold at middle, RGB OSD contrast disabled.
11
00
000
00
0
No shift of bell filter center frequency, 0dB P/N demod. gain, 90° matrix selection,
ACC overload ON.
12
00
000
00
0
No shift of bandpass center frequency, chroma reference output off, chroma delay
line on.
13
0
0
0
0
0
0
0
0
Two crystals application P/S/N, PAL XTAL1 forced mode, two crystal applications.
14
0
0
1
0
0
0
0
0
Hue at middle, flesh disabled, normal flesh characteristic.
15
00
000
00
0
CVBS1 selected on main CVBS output, CVBS1 selected on second CVBS output,
CVBS mode.
16
0
0
1
0
0
0
0
0
Horizontal shift at middle, horizontal output enabled, interlace mode.
17
0
0
1
0
0
0
0
0
Vertical amplitude at middle, auto 50/60 Hz identification.
18
00
001
00
0
Vertical position at middle, automatic time constant selection on PLL1, PLL1 active,
Vertical synchronization active.
19
00
000
00
0
0.1 V low level at pin VERT, frame blanking adapted to standard, noise detector low
threshold.
1A
0
0
0
0
0
0
0
0
Not active, auto cut-off.
1B
0
0
0
0
0
0
0
0
Not active, auto cut-off.
1C
0
0
0
0
0
0
0
0
Not active, auto cut-off.
1D
0
0
0
0
0
0
0
0
R-Y output at pin 29 (SDIP56)
1E
0
0
0
0
0
0
0
0
Not to be used, except d4: Auto. SIF AGC time constant control in L/L’ standards.
1F
0
0
0
0
0
0
0
0
VERT pulse active, standard luma delay, AVL off, AM/FM mono sound selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com