Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 85 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 78Page - STMicroelectronics STV2249H Datasheet HTML 79Page - STMicroelectronics STV2249H Datasheet HTML 80Page - STMicroelectronics STV2249H Datasheet HTML 81Page - STMicroelectronics STV2249H Datasheet HTML 82Page - STMicroelectronics STV2249H Datasheet HTML 83Page - STMicroelectronics STV2249H Datasheet HTML 84Page - STMicroelectronics STV2249H Datasheet HTML 85Page - STMicroelectronics STV2249H Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
STV224XH/228XH/223XH - GENERAL PACKAGE INFORMATION
85/86
12 GENERAL PACKAGE INFORMATION
12.1 PACKAGE MECHANICAL DATA
Figure 62. 56-Pin Shrink Plastic Dual In Line Package, 600-mil Width
Figure 63. 64-Pin Thin Quad Flat Package
A
6.35
0.250
A1
0.38
0.015
A2
3.18
4.95 0.125
0.195
b
0.41
0.016
b2
0.89
0.035
C
0.20
0.38 0.008
0.015
D
50.29
53.21 1.980
2.095
E
15.01
0.591
E1
12.32
14.73 0.485
0.580
e
1.78
0.070
eA
15.24
0.600
eB
17.78
0.700
L
2.92
5.08 0.115
0.200
Number of Pins
N56
PDIP56S
A
1.60
0.063
A1
0.05
0.15 0.002
0.006
A2
1.35 1.40 1.45 0.053 0.055 0.057
B
0.30 0.37 0.45 0.012 0.015 0.018
C
0.09
0.20 0.004
0.008
D
16.00
0.630
D1
14.00
0.551
D3
12.00
0.472
E
16.00
0.630
E1
14.00
0.551
E3
12.00
0.472
e
0.80
0.031
K
0°
3.5°
7°
L
0.45 0.60 0.75 0.018 0.024 0.030
L1
1.00
0.039
Number of Pins
N
64
ND
16
NE
16
L1
L
K
0.10mm
.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com