Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 28Page - STMicroelectronics STV2249H Datasheet HTML 29Page - STMicroelectronics STV2249H Datasheet HTML 30Page - STMicroelectronics STV2249H Datasheet HTML 31Page - STMicroelectronics STV2249H Datasheet HTML 32Page - STMicroelectronics STV2249H Datasheet HTML 33Page - STMicroelectronics STV2249H Datasheet HTML 34Page - STMicroelectronics STV2249H Datasheet HTML 35Page - STMicroelectronics STV2249H Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
32/86
4.5.4 CVBS2 Output
4.5.5 OSD RGB Inputs
4.5.6 FBOSD/HC Inputs
Crosstalk
Deletion of non-selected signals
Register 1Dhex, data = 07hex
Up to 5 MHz
50
dB
MGAIN
Output Gain
Register 1Dhex, data = 07hex
From any CVBS/Y inputs
-0.5
0
0.5
dB
DCMAIN
DC Output Voltage
Register 1Dhex, data = 07hex
Black Level
4.2
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT2
Dynamic Output Amplitude
3
VPP
ROUT2
Internal Output Resistance
10
W
BW2
CVBS Bandwidth
VIN = 1VPP
10
MHz
Crosstalk2 Deletion of non-selected signals
Up to 5 MHz
50
dB
SWI2gain
Output Gain
From any CVBS/Y inputs
5.5
6
6.5
dB
SWI2DC
DC Output Voltage
Black Level
3.8
V
RLOAD2
Output Load Resistance
1.5
k
W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCLAMP
Clamp Level
Max. Contrast
4
V
VRGB
RGB Input Voltage
0.7
1
VPP
CRGB
RGB Gain
Max. Contrast, Max. Drive
4.28
-
Dblack
Difference of black level of internal
and external signals at the RGB out-
puts
OSD signal versus internal signal
50
mV
IRGB
Clamping Current
60
100
140
µA
Crosstalk
Deletion of non-selected RGB source From 0 to 5 MHz
50
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTHFB1A
OSD Insertion Threshold Voltage
Half Contrast disable
Register 08hex d6 = 0
0.5
0.7
0.85
V
VTHFB1B
OSD Insertion Threshold Voltage
Half Contrast enable
Register 08hex d6 = 1
1.5
1.9
2.3
V
VTH-HC
Half Contrast Threshold Voltage
Half Contrast enable
Register 08hex d6 = 1
0.5
0.7
0.85
V
VTHFB2
Blanking Threshold Voltage,
Oversize Blanking active
Register 08hex, d7 = 1
3.244.8
V
tSWI1
Insertion Switching Delay
20
40
ns
tSWI2
Blanking Switching Delay
From FBOSD = 4V to starting of
blanking falling edge at RGB out-
puts
100
ns
IFB
Input current
0V at Pin FBOSD
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com