Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 36 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 32Page - STMicroelectronics STV2249H Datasheet HTML 33Page - STMicroelectronics STV2249H Datasheet HTML 34Page - STMicroelectronics STV2249H Datasheet HTML 35Page - STMicroelectronics STV2249H Datasheet HTML 36Page - STMicroelectronics STV2249H Datasheet HTML 37Page - STMicroelectronics STV2249H Datasheet HTML 38Page - STMicroelectronics STV2249H Datasheet HTML 39Page - STMicroelectronics STV2249H Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
36/86
4.8.8 Color Demodulators
4.8.9 Chroma Delay Line
4.8.10 Chroma Reference Output
4.9 SCANNING PART
4.9.1 Synchronization Separator
4.9.2 Horizontal Oscillator
FMax.-W
Maximum Phase Correction
Register 14(HEX), d6 = 1, d7 = 1
±20
Deg
Flesh-W
Chroma Input Phase at Max. cor-
rection
Register 14(HEX), d6 = 1, d7 = 1
±45
Deg
Frange-W
Auto Flesh Control
Register 14(HEX), d6 = 1, d7 = 1
±90
Deg
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DoffsetP
Demodulator Offset
PAL/NTSC mode, 75% color bar
±2
%
DoffsetS
Demodulator Offset
SECAM mode, 75% color bar
±2
%
PhaseErr
Phase Error in demodulated signal
PAL/NTSC mode, 90% matrix
5
Deg
TransPal
Chroma Transient Time
PAL mode, 75% color bar green-
magenta transient
700
ns
transSEC
Chroma Transient Time
SECAM mode, 75% color bar green-
magenta transient
900
ns
Naxis
R-Y Demodulation Axis
NTSC mode, 104° matrix
104
Deg
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Cdelay
Delay of delayed signals
Relative to non delayed signal
63.9
64
64.1
µs
Ctrans
Difference of transient times be-
tween delayed and non delayed
signals
SECAM mode. tRN -tRN+1
tRN: rise time line N (direct)
tRN+1: rise time line N +1 (delayed)
150
ns
Dgain
Differential Gain of delayed signals
versus direct signals
SECAM mode. Gn+1/Gn
Gn: direct channel gain
Gn+1: delayed channel gain
-0.5
0
0.5
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CHR-amp
Chroma VCO Reference Signal
Amplitude
0.4
VPP
ISCHR
Sink Current
0.5
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSYNC
Synchronization Pulse Amplitude
50
300
450
mV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fH50
Horizontal Frequency
50 Hz mode
15.6
kHz
fH60
Horizontal Frequency
60 Hz mode
15.7
kHz
fRANGE
Frequency Control Range
Low Frequency
High Frequency
14.7
15.9
15.0
16.3
15.3
—
kHz
fFREE
Free Frequency when PLL1 opened
15.3
15.6
15.9
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com