Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 38 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 34Page - STMicroelectronics STV2249H Datasheet HTML 35Page - STMicroelectronics STV2249H Datasheet HTML 36Page - STMicroelectronics STV2249H Datasheet HTML 37Page - STMicroelectronics STV2249H Datasheet HTML 38Page - STMicroelectronics STV2249H Datasheet HTML 39Page - STMicroelectronics STV2249H Datasheet HTML 40Page - STMicroelectronics STV2249H Datasheet HTML 41Page - STMicroelectronics STV2249H Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
38/86
4.9.8 Vertical Amplitude Control
4.9.9 Crystal Detection
4.10 RGB CONTROL PART
4.10.1 Y Input
4.10.2 U & V Inputs
4.10.3 Contrast Control
4.10.4 Saturation Control
VHIGH
High Level Range Vertical Position
Control
Min. position control
Max. position control
3.5
6.0
4
6.5
4.5
7.0
V
ISINK
Output Sinking Current
0.7
1.0
mA
ISOURCE
Output Source Current
0.7
1.0
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VAMP
Output Voltage Range
Min. amplitude voltage
Max. amplitude voltage
1.2
5.5
1.5
6.0
1.7
6.5
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R4.43
Load resistance at pin VAMP
4.43 MHz crystal on pin XTAL1
80
k
W
R3.58
Load resistance at pin VAMP
3.58 MHz crystal on pin XTAL1
10
k
W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
YINdc
Black Level
3.7
V
Yin-B/W
Black to White Amplitude
0.7
1
V
Yin-cur
Input Current
1µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
UVin-dc
Black Level
3.7
V
Uin-amp
B-Y Amplitude
75% color bar PAL/SECAM
1.33
2.0
VPP
Vin-amp
R-Y Amplitude
75% color bar PAL/SECAM
1.05
2.0
VPP
UVin-cur
Input Current
1µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Yctr
Contrast Range on Y signal
21
24
27
dB
OSDctr
Contrast Range on OSD RGB sig-
nal
10
12
14
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SATMax.
Maximum Saturation Control
75% color bar PAL/SECAM,
0 dB for data 20 in reg 08
69
12
dB
SATMin.
Minimum Saturation Control
75% color bar PAL/SECAM,
0 dB for data 20 in reg 08
-40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com