Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 83 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 78Page - STMicroelectronics STV2249H Datasheet HTML 79Page - STMicroelectronics STV2249H Datasheet HTML 80Page - STMicroelectronics STV2249H Datasheet HTML 81Page - STMicroelectronics STV2249H Datasheet HTML 82Page - STMicroelectronics STV2249H Datasheet HTML 83Page - STMicroelectronics STV2249H Datasheet HTML 84Page - STMicroelectronics STV2249H Datasheet HTML 85Page - STMicroelectronics STV2249H Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
STV224XH/228XH/223XH - THERMAL CONSIDERATIONS FOR TQFP64 PACKAGE
83/86
10 THERMAL CONSIDERATIONS FOR TQFP64 PACKAGE
Proper cooling of the STV223XH circuit (TQFP64 package) requires particular care.
The value of RthJA given in the datasheet corresponds to the following condition:
The circuit is soldered ABOVE a printed circuit board (with as much ground plane as possible) and it ex-
changes freely with its environment by natural convection and radiation.
This 'ideal' condition may not be possible in a real TV set environment and RthJA may increase above the
given value.
In particular, the worst case is when the circuit is soldered BELOW the chassis board in a confined volume
between the chassis board and the bottom of the TV box. In this case, RthJA may increase.
Recommendations:
■
to perform a quick theoretical temperature evaluation before making the chassis board
■
later on, to perform detailed temperature measurements on the chassis board, in its real environment
Thermal data given in the data sheet allows an estimation of junction and case temperatures to be made.
For estimation on pin temperature, the following additional data, derived from a measurement on a typical
chassis, can be used: RthJP ~ 20°C/W;
Example of temperatures ESTIMATION:
(Reminder: only in the case where the circuit is soldered ABOVE the chassis board in a relatively 'free' en-
vironment).
Dissipated power: Pd = 1.3W.
Ambient temperature : Ta = 60°C (inside the TV set).
Junction temperature: Tj = Ta + RthJA * Pd = 125°C.
Case temperature: Tc = Tj - RthJC * Pd = 112°C.
Pins temperature: Tp = Tj - RthJP * Pd = 99°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com