Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 57 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 53Page - STMicroelectronics STV2249H Datasheet HTML 54Page - STMicroelectronics STV2249H Datasheet HTML 55Page - STMicroelectronics STV2249H Datasheet HTML 56Page - STMicroelectronics STV2249H Datasheet HTML 57Page - STMicroelectronics STV2249H Datasheet HTML 58Page - STMicroelectronics STV2249H Datasheet HTML 59Page - STMicroelectronics STV2249H Datasheet HTML 60Page - STMicroelectronics STV2249H Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
STV224XH/228XH/223XH - I²C BUS SPECIFICATION COMPATIBILITY
57/86
7 I²C BUS SPECIFICATION COMPATIBILITY
The STV2246H/36H, 2286H, 2247H/37H, 2248H/
38H and 2249H/39H I²C bus specification is com-
patible between IC version. However, some dedi-
cated settings must be used for the different ver-
sions. The following sections show the differences
between the various versions. An “X” means that
the function is available and can be set to “1” or
“0”.
Note 1: The FBEXT pin must be connected to ground.
CAUTION: The specification of WR04 d3:2 has changed.
For 224XC versions (refer to STV224XC datasheet), WR04 d3:2 = 11 (bin.) means that FM demod de-
emphasis is bypassed. This function is used for BTSC application compatibility.
For 224XD/XE versions, WR04 d3:2 = 11: NOT TO BE USED.
For 224XH versions, WR04 d3:2 = 11 (bin.) means that Audio FM Wide mode is selected and it must be
used in QSS applications only. In this case, the following registers must be programmed:
WR04 d3:2 = 11 (bin.) (Audio FM Wide mode)
WR06 d6 = 0 (QSS application)
WR1F d5:4 = 1x (bin.) (AVL ON)
CAUTION: The specification of WR07 d6 has changed.
For 224XC/224XD versions, WR07 d6 = 1 means “insertion of cut-off pulses after a vertical oversize
blanking”
For 224XE/XH versions, WR07 d6 = 1 means “RGB peak limitation”
CAUTION: The specification of WR0F d5 has changed.
The new specification is:
WR0F d5 = 0: trap and luma delay active; this is not changed
WR0F d5 = 1: trap and luma delay disabled (bypass); this is changed
2248H/38H 2249H/39H 2247H/37H 2246H/36H
2286H
RGBext
WR0A d7:6
XXXX
011
L/L' mode
WR01 d5
X
0
000
Positive/Negative Modulation
WR01 d4
X
0
000
FM/AM Output Selection
WR04 d5
X
0
000
Bell Filter
WR11 d4:0
X
X
00000
00000
00000
QSS/Intercarrier Application
WR06 d6
XXX
1
1
QSS and AM defeat
WR04 d6
XXX
1
1
AGC SIF Time Constant
WR06 d3 & WR1E d4
XXXX
00
CVBSout amplitude
WR02 d4:0
XXXX
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com