Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2249H Datasheet(PDF) 50 Page - STMicroelectronics

Part # STV2249H
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2249H Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STV2249H Datasheet HTML 46Page - STMicroelectronics STV2249H Datasheet HTML 47Page - STMicroelectronics STV2249H Datasheet HTML 48Page - STMicroelectronics STV2249H Datasheet HTML 49Page - STMicroelectronics STV2249H Datasheet HTML 50Page - STMicroelectronics STV2249H Datasheet HTML 51Page - STMicroelectronics STV2249H Datasheet HTML 52Page - STMicroelectronics STV2249H Datasheet HTML 53Page - STMicroelectronics STV2249H Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
STV224XH/228XH/223XH - I²C BUS SELECTION
50/86
0A
Red Drive Adjust
(White Point R)
6X
X
X
X
0
1
0
1
0
1
0
1
0
1
0
1
-6 dB gain (Min. drive).
0 dB gain (Max. drive).
RGBext/YCrCb
Selection
20
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RGB ext. insertion enable controlled by FBext input
pin.
RGB ext. insertion disable, FBext control disable.
RGB ext. insertion forced (FBext not active).
YCrCb insertion forced.
if WR0F d5 = 0 : Y on Gext (Luminance input) and
CVBSin (for synchro).
if WR0F d5 = 1 : Y on CVBSin (for luminance and
synchro), Cr on Rext, trap and luma delay disabled.
0B
Green drive adjust-
ment
(white point G)
6X
X
X
X
0
1
0
1
0
1
0
1
0
1
0
1
-6 dB gain (Min. drive).
0 dB gain (Max. drive).
Black stretch ena-
ble
1X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
0 = Black stretch disable.
1 = Black stretch enable.
Black Stretch
Reference Level
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = 0 IRE (no set-up).
1 = 7.5 IRE (NTSC set-up).
0C
Blue drive adjust-
ment
(white point B)
6X
X
X
X
0
1
0
1
0
1
0
1
0
1
0
1
-6 dB gain (Min. drive).
0 dB gain (Max. drive).
Cut-off loop control
1X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
0 = Cut-off loop active.
1 = Cut-off loop frozen.
LSB (9th bit) Red
cut-off counter
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Red LSB = 0
Red LSB = 1
0D
Red cut-off adjust-
ment (Black point
R)
6X
X
X
X
0
1
0
1
0
1
0
1
0
1
0
1
-150 mV.
+150 mV.
Manual Cut-off Se-
lection
20
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Automatic Cut-off application, data = 00hex in
registers 1A,1B, 1C.
Manual cut-off application DC at R,G,B output are
adjusted thanks registers 1A, 1B, 1C.
0
1
1
0
X
X
X
X
X
X
X
X
X
X
X
X
Not allowed.
Not allowed.
0E
Green cut-off ad-
justment (Black
point G)
6X
X
X
X
0
1
0
1
0
1
0
1
0
1
0
1
-150 mV.
+150 mV.
Not to be used
1
X
0
X
X
X
X
X
X
LSB (9th bit) Green
cut-off counter
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Green LSB = 0
Green LSB = 1
0F
Peaking Control
4
X
X
X
X
X
X
X
X
0
1
0
1
0
1
0
1
0 dB at center Freq. Min. peaking.
+ 6dB at center Freq.Max. peaking.
Coring on sharp-
ness
1X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
0 = Coring off.
1 = Coring on.
Chroma Trap and
Luma Delay Selec-
tion
1X
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
0 = Trap and Luma Delay Enabled.
1 = Trap and Luma Delay Disabled.
CVBS2 ON/OFF
1
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
0 = CVBS2 output Enabled.
1 = CVBS2 output Disabled.
White Insertion
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = White insertion not active.
1 = White insertion enable during HOUT soft mode.
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com