Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 62 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 58Page - STMicroelectronics ADE3000T Datasheet HTML 59Page - STMicroelectronics ADE3000T Datasheet HTML 60Page - STMicroelectronics ADE3000T Datasheet HTML 61Page - STMicroelectronics ADE3000T Datasheet HTML 62Page - STMicroelectronics ADE3000T Datasheet HTML 63Page - STMicroelectronics ADE3000T Datasheet HTML 64Page - STMicroelectronics ADE3000T Datasheet HTML 65Page - STMicroelectronics ADE3000T Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
Pattern Generator Block
ADE3XXX
62/88
PGEN_P0_MODE
0x0611
R/W
pattern 0 control
R/W
[7:5]
0x0
number of bars in C0
R/W
[4:2]
0x0
number of bars in C1
R/W
[1]
0x0
0: pattern continues to progress across block
boundaries
1: block boundaries cause the pattern to
restart
R/W
[0]
0x0
0: normal mode
1: C0 = video bypass
PGEN_P1_MODE
0x0612
pattern 1 control
R/W
[7:5]
0x0
number of bars in C0
R/W
[4:2]
0x0
number of bars in C1
R/W
[1]
0x0
0: pattern continues to progress across block
boundaries
1: block boundaries cause the pattern to
restart
R/W
[0]
0x0
0: normal mode
1: C0 = video bypass
PGEN_P0_WIDTH_X_L
0x0613
R/W
[7:0]
0x0
Pattern 0 Bar Width [7:0]
PGEN_P0_WIDTH_X_H
0x0614
[7:4]
Reserved
R/W
[3:0]
0x0
Pattern 0 Bar Width [11:8]
PGEN_P0_WIDTH_X_OFFSET_L
0x0615
R/W
[7:0]
0x0
Pattern 0 Horizontal Offset [7:0]
PGEN_P0_WIDTH_X_OFFSET_H
0x0616
[7:4]
Reserved
R/W
[3:0]
0x0
Pattern 0 Horizontal Offset [11:8]
PGEN_P0_HEIGHT_Y_L
0x0617
R/W
[7:0]
0x0
Pattern 0 Bar Height [7:0]
PGEN_P0_HEIGHT_Y_H
0x0618
R/W
[7:4]
0x0
Pattern 0 Vertical Sequence Increment
R/W
[3:0]
0x0
Pattern 0 Bar Height [11:8]
PGEN_P0_HEIGHT_Y_OFFSET_L
0x0619
R/W
[7:0]
0x0
Pattern 0 Vertical Offset [7:0]
PGEN_P0_HEIGHT_Y_OFFSET_H
0x061A
[7:4]
Reserved
R/W
[3:0]
0x0
Pattern 0 Vertical Offset [11:8]
PGEN_P1_WIDTH_X_L
0x061B
R/W
[7:0]
0x0
Pattern 1 Bar Width [7:0]
PGEN_P1_WIDTH_X_H
0x061C
[7:4]
Reserved
R/W
[3:0]
0x0
Pattern 1 Bar Width [11:8]
PGEN_P1_WIDTH_X_OFFSET_L
0x061D
R/W
[7:0]
0x0
Pattern 1 Horizontal Offset [7:0]
PGEN_P1_WIDTH_X_OFFSET_H
0x061E
[7:4]
Reserved
R/W
[3:0]
0x0
Pattern 1 Horizontal Offset [11:8]
PGEN_P1_HEIGHT_Y_L
0x061F
R/W
[7:0]
0x0
Pattern 1 Bar Height [7:0]
PGEN_P1_HEIGHT_Y_H
0x0620
R/W
[7:4]
0x0
Pattern 1 Vertical Sequence Increment
R/W
[3:0]
0x0
Pattern 1 Bar Height [11:8]
PGEN_P1_HEIGHT_Y_OFFSET_L
0x0621
R/W
[7:0]
0x0
Pattern 1 Vertical Offset [7:0]
PGEN_P1_HEIGHT_Y_OFFSET_H
0x0622
[7:4]
Reserved
R/W
[3:0]
0x0
Pattern 1 Vertical Offset [11:8]
PGEN_P0_COLOR_R_C0
0x0623
R/W
[7:0]
0x0
Pattern 0 Color C0 - Red
PGEN_P0_COLOR_G_C0
0x0624
R/W
[7:0]
0x0
Pattern 0 Color C0 - Green
PGEN_P0_COLOR_B_C0
0x0625
R/W
[7:0]
0x0
Pattern 0 Color C0 - Blue
PGEN_P0_COLOR_R_C1
0x0626
R/W
[7:0]
0x0
Pattern 0 Color C1 - Red
PGEN_P0_COLOR_G_C1
0x0627
R/W
[7:0]
0x0
Pattern 0 Color C1 - Green
Table 21: PGEN Registers (Sheet 2 of 4)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com