Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 41 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 37Page - STMicroelectronics ADE3000T Datasheet HTML 38Page - STMicroelectronics ADE3000T Datasheet HTML 39Page - STMicroelectronics ADE3000T Datasheet HTML 40Page - STMicroelectronics ADE3000T Datasheet HTML 41Page - STMicroelectronics ADE3000T Datasheet HTML 42Page - STMicroelectronics ADE3000T Datasheet HTML 43Page - STMicroelectronics ADE3000T Datasheet HTML 44Page - STMicroelectronics ADE3000T Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
41/88
ADE3XXX
Sync Mux Block
SMUX_CTRL2
0x0202
R
[7]
0x0
V_reference toggle output
R/W
[6]
0x0
Software odd set (for testing odd params on
the bench)
R/W
[5:4]
0x0
Odd_out select
0x0: YUV
0x1: v_reference toggle
0x2: SMUX_CTRL2[6]
0x3: Reserved
R/W
[3]
0x0
Valid_out select
0: YUV
1: valid_generated
R/W
[2]
0x0
Enab_out select
0: enab_internal
1: enab_generated
R/W
[1]
0x0
Vsync_out select
0: vsync_internal
1: hsync_generated
R/W
[0]
0x0
Hsync_out select
0: hsync_internal
1: hsync_generated
SMUX_CLAMP_SET_L
0x0203
R/W
[7:0]
0x0
ADC clamp signal rising edge [11:0], relative
to selected horizontal reference signal, in
INCLKs (pixels)
SMUX_CLAMP_SET_H
0x0204
R/W
[3:0]
0x0
SMUX_CLAMP_RST_L
0x0205
R/W
[7:0]
0x0
ADC clamp falling edge [11:0]
SMUX_CLAMP_RST_H
0x0206
R/W
[3:0]
0x0
SMUX_HENAB_SET_L
0x0207
R/W
[7:0]
0x0
Horizontal enable start [11:0] (left edge of
image) relative to the selected horizontal
reference edge in INCLKs (pixels))
SMUX_HENAB_SET_H
0x0208
R/W
[3:0]
0x0
SMUX_HENAB_RST_L
0x0209
R/W
[7:0]
0x0
Horizontal enable end [11:0]
SMUX_HENAB_RST_H
0x020A
R/W
[3:0]
0x0
SMUX_VENAB_SET_L
0x020B
R/W
[7:0]
0x0
Vertical enable start [11:0] (top edge of
image) relative to the selected vertical
reference edge (in lines)
SMUX_VENAB_SET_H
0x020C
R/W
[3:0]
0x0
SMUX_VENAB_RST_L
0x020D
R/W
[7:0]
0x0
Vertical enable end
SMUX_VENAB_RST_H
0x020E
R/W
[3:0]
0x0
SMUX_HSYNC_PHASE
0x020F
R/W
[7:0]
0x0
Number of horizontal pixels/INCLKs that the
generated hsync edge is from the horizontal
reference edge. 2’s complement
[-128,127]
SMUX_VSYNC_PHASE
0x0210
R/W
[7:0]
0x0
Number of vertical lines that the generated
vsync edge is from the vertical reference
edge. 2’s complement
[-128,127]
Table 14: Sync Mux Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com