Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 85 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 80Page - STMicroelectronics ADE3000T Datasheet HTML 81Page - STMicroelectronics ADE3000T Datasheet HTML 82Page - STMicroelectronics ADE3000T Datasheet HTML 83Page - STMicroelectronics ADE3000T Datasheet HTML 84Page - STMicroelectronics ADE3000T Datasheet HTML 85Page - STMicroelectronics ADE3000T Datasheet HTML 86Page - STMicroelectronics ADE3000T Datasheet HTML 87Page - STMicroelectronics ADE3000T Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
85/88
ADE3XXX
Preliminary AC Specifications
3.6
Preliminary AC Specifications
IIL
Low Level Input current
VIN = 0V
10
µA
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fDVI
DVI input pixel frequency
20
140
MHz
Vdvi_diff
DVI differential input voltage
150
1200
mV
Vdvi_icm
DVI input common mode
voltage
AVDD33 - 0.3
AVDD33 - 0.037
V
Vdvi_vin
DVI input voltage
When Tx
disabled or
disconnected
AVDD33 - 0.01
AVDD33 + 0.01
V
Idvi_leak
DVI input leackage current
RX powered
down
10
µA
Rdvi_term
DVI input termination resistance Rext = 470
Ohms
45
50
55
Ohm
Vrsds_diff
RSDS differential output voltage RSDS mode
100
200
400
mV
Vrsrs_cm
RSDS common mode output
voltage
680 ohm + 50
ohm external
termination to
1.3V
1.1
1.3
1.5
V
Trise, Tfall
RSDS transition time to 90%
CL = 30pF
3
ns
INL
ADC integral nonlinearity (9b)
1.5
LSB
DNL
ADC differential nonlinearity
(9b)
no missing
codes
1.5
LSB
Vadc_in
ADC input voltage range
0.5
1
Vp-p
ENOB
ADC effective number of bits
135MSPS
Input = 65MHz
sine at 95% FS
7.5
bits
Radc_in
ADC input resistance
200
Kohms
Cadc_in
ADC input capacitance
8
pF
Fadc
ADC sample frequency
20
140
MHz
ADC gain
step
ADC gain step size
0.05
dB
ADC offset
step
ADC offset step size
4
mV
Cadc_ext
ADC external AC coupling cap
0.1
uF
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com