Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 20 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 16Page - STMicroelectronics ADE3000T Datasheet HTML 17Page - STMicroelectronics ADE3000T Datasheet HTML 18Page - STMicroelectronics ADE3000T Datasheet HTML 19Page - STMicroelectronics ADE3000T Datasheet HTML 20Page - STMicroelectronics ADE3000T Datasheet HTML 21Page - STMicroelectronics ADE3000T Datasheet HTML 22Page - STMicroelectronics ADE3000T Datasheet HTML 23Page - STMicroelectronics ADE3000T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
Line Lock PLL Block
ADE3XXX
20/88
LLK_PLL_CTRL
0x0801
R/W
[7:6]
Reserved
R/W
[5]
0x0
0: normal
1: diagnostic mode -- PLL uses only fine
error
R/W
[4]
0x0
0: normal
1: diagnostic -- coarse error is multiplied by
2
R/W
[3]
0x0
input hsync edge selection
0: rising edge
1: falling edge
R/W
[2]
0x0
sync on green input selection
0: composite sync (HSYNC pin)
1: sync on green (CSYNC pin)
R/W
[1]
0x0
0: normal
1: divide PLL clock by 2
R/W
[0]
0x0
0: normal
1: Free-running mode
LLK_PLL_MFACTOR_L
0x0802
R/W
[7:0]
0x0280
number of clocks in a line
LLK_PLL_MFACTOR_H
0x0803
R/W
[7:0]
LLK_PLL_HPERIOD_L
0x0804
R/W
[7:0]
0x0040
pulse width of synthetic hsync
LLK_PLL_HPERIOD_H
0x0805
R/W
[7:0]
LLK_PLL_PHASE_RATE_INIT_0
0x0806
R/W
[7:0]
0x0
Initial Phase Rate
LLK_PLL_PHASE_RATE_INIT_1
0x0807
R/W
[7:0]
fOUT = fXTAL x 2
27+NDIV / PHASE_RATE
LLK_PLL_PHASE_RATE_INIT_2
0x0808
R/W
[7:0]
LLK_PLL_PHASE_RATE_INIT_3
0x0809
R/W
[7:0]
LLK_PLL_PHASE_RATE_INIT_WR
0x080A
R/W
[7:1]
Reserved
[0]
When written to 1, the PLL phase rate is
initialized with the initial phase rate register.
Self clearing.
LLK_PLL_TC_AEF
0x080B
[7:4]
Reserved
R/W
[3:0]
0xA
Fast Time Constant A Exponent
LLK_PLL_TC_BEF
0x080C
[7:4]
Reserved
R/W
[3:0]
0xA
Fast Time Constant B Exponent
LLK_PLL_TC_ALF
0x080D
[7:6]
Reserved
R/W
[5:0]
0x20
Fast Time Constant A Linear
LLK_PLL_TC_BLF
0x080E
[7:6]
Reserved
R/W
[5:0]
0x20
Fast Time Constant B Linear
LLK_PLL_TC_AES
0x080F
[7:4]
Reserved
R/W
[3:0]
0x6
Slow Time Constant A Exponent
LLK_PLL_TC_BES
0x0810
[7:4]
Reserved
R/W
[3:0]
0x6
Slow Time Constant B Exponent
LLK_PLL_TC_ALS
0x0811
[7:6]
Reserved
R/W
[5:0]
0x20
Slow Time Constant A Linear
Table 7: Line Lock PLL Registers (Sheet 2 of 4)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com