Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 47 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 43Page - STMicroelectronics ADE3000T Datasheet HTML 44Page - STMicroelectronics ADE3000T Datasheet HTML 45Page - STMicroelectronics ADE3000T Datasheet HTML 46Page - STMicroelectronics ADE3000T Datasheet HTML 47Page - STMicroelectronics ADE3000T Datasheet HTML 48Page - STMicroelectronics ADE3000T Datasheet HTML 49Page - STMicroelectronics ADE3000T Datasheet HTML 50Page - STMicroelectronics ADE3000T Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
47/88
ADE3XXX
Data Measurement Block
DMEAS_DMM_MODE_CTRL
0x0917
R/W
[7]
0x0
Listen to odd frame only. Applies only if the
odd signal is present from YUV. The results in
the Vertical Position algorithm are updated
with only the odd frame if this bit is set.
R/W
[6]
0x0
PCD algorithm
0: pixel < threshold
1: pixel >= threshold
R/W
[5]
0x0
horizontal position algorithm
0: pixel > threshold
1: abs (pixel - previous pixel) > threshold
R/W
[4]
0x0
clear DMM result registers
R/W
[3]
0x0
0: Do not freeze the results in Free-running
mode. New result will be available on the next
and subsequent toggle of the polling bit.
1: Freeze the current results in Free-running
mode. The polling bit will still toggle and the
block continues to free run; however, results
will not update.
No meaning in one-shot mode.
R/W
[2]
0x0
DMM measurement polling bit. Toggles at the
end of each measurement in free-run mode.
Undefined in one-shot mode.
R/W
[1]
0x0
DMM algorithm measurement start.
In free-run mode it enables measurements. In
one-shot mode it triggers the start of a
measurement and is reset to zero when the
measurement is complete.
R/W
[0]
0x0
0: DMM Free-running mode.
1: DMM One-shot mode.
DMEAS_DMM_DE_REF_L
0x0918
R/W
[7:0]
0x0
DE Size expected result
DMEAS_DMM_DE_REF_H
0x0919
R/W
[7:0]
DMEAS_DMM_DE_TOL
0x091A
R/W
[7:0]
0x0
DE Size tolerance threshold value
DMEAS_DMM_DE_RST
0x091B
[7:1]
Reserved
R/W
[0]
0x0
Reset the DMM flag in One-shot mode
DMEAS_DATA_PHM_EDGE0
0x091C
R
[7:0]
Result of PHM edge intensity algorithm
DMEAS_DATA_PHM_EDGE1
0x091D
R
[7:0]
DMEAS_DATA_PHM_EDGE2
0x091E
R
[7:0]
DMEAS_DATA_PHM_EDGE3
0x091F
R
[7:0]
DMEAS_DATA_PHM_PSUM0
0x0920
R
[7:0]
Result for PHM pixel sum algorithm
DMEAS_DATA_PHM_PSUM1
0x0921
R
[7:0]
DMEAS_DATA_PHM_PSUM2
0x0922
R
[7:0]
DMEAS_DATA_PHM_PSUM3
0x0923
R
[7:0]
DMEAS_DATA_DMM_MIN
0x0924
R
[7:0]
Result for DMM Minimum pixel value found.
DMEAS_DATA_DMM_MAX
0x0925
R
[7:0]
Result for DMM Maxmum pixel value found.
Table 16: Data Measurement Registers (Sheet 4 of 5)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com