Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 32 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 28Page - STMicroelectronics ADE3000T Datasheet HTML 29Page - STMicroelectronics ADE3000T Datasheet HTML 30Page - STMicroelectronics ADE3000T Datasheet HTML 31Page - STMicroelectronics ADE3000T Datasheet HTML 32Page - STMicroelectronics ADE3000T Datasheet HTML 33Page - STMicroelectronics ADE3000T Datasheet HTML 34Page - STMicroelectronics ADE3000T Datasheet HTML 35Page - STMicroelectronics ADE3000T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
Sync Measurement Block
ADE3XXX
32/88
2.9
Sync Measurement Block
The Input Sync Measurement Block (SMEAS) continuously detects activity from all video sources.
The module can measure the characteristics of the sync signals on any input port. The sync
measurement module reports the results of the measurements to the system microcontroller.
This portion of the sync measurement is fully synchronous on the crystal clock (XCLK). Another
block, the Sync Retiming Block (SRT), handles the asynchronous signal transfer of the incoming
sync signals.
Input Sync Functions:
q
Activity detection
q
Sync management
q
Measurement
Table 13: Sync Measurement Registers (Sheet 1 of 8)
Register Name
Addr
Mode
Bits
Default
Description
SMEAS_ACT_CTRL
0x0100
[7:4]
0x0
Reserved
R/W
[3]
0x0
Enable activity detection in Free-running
mode.
R/W
[2]
0x0
Freeze results in Free-running mode. No
meaning in One-shot mode.
0: Do not freeze the results. New result will
be available on the next and subsequent
toggle of the polling bit.
1: Freeze the current results. The polling bit
will still toggle and the block continues to free
run; however, results will not be updated.
R/W
[1]
0x0
activity detection start.
In one-shot mode it triggers the start of a
measurement and is reset to zero when the
measurement is complete.
R/W
[0]
0x0
activity detection mode control
0: free run
1: one shot
SMEAS_ACT_H_SMPTM_L
0x0101
R/W
[7:0]
0x0
Sample time value for clock or hsync activity.
In units of XCLK_period*256
SMEAS_ACT_H_SMPTM_H
0x0102
R/W
[7:0]
0x0
SMEAS_ACT_V_SMPTM_L
0x0103
R/W
[7:0]
0x0
Sample time value for vsync activity in units
of XCLK_period*256.
Note: this number MUST be larger than
hsync sample time.
SMEAS_ACT_V_SMPTM_H
0x0104
R/W
[7:0]
0x0
SMEAS_ACT_H_MINEDGE
0x0105
R/W
[7:0]
0x0
Minimum edge count value for clk or hsync
activity.
SMEAS_ACT_V_MINEDGE
0x0106
R/W
[7:0]
0x0
Minimum edge count value for vsync activity.
SMEAS_H_TMOT_L
0x0107
R/W
[7:0]
0x4000
timeout counter value for clk or horizontal
measurement in XCLKs
SMEAS_H_TMOT_H
0x0108
R/W
[7:0]
SMEAS_V_TMOT_L
0x0109
R/W
[7:0]
0x1600
timeout counter value for vertical
measurement in units of XCLK/256
SMEAS_V_TMOT_H
0x010A
R/W
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com