Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 72 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 68Page - STMicroelectronics ADE3000T Datasheet HTML 69Page - STMicroelectronics ADE3000T Datasheet HTML 70Page - STMicroelectronics ADE3000T Datasheet HTML 71Page - STMicroelectronics ADE3000T Datasheet HTML 72Page - STMicroelectronics ADE3000T Datasheet HTML 73Page - STMicroelectronics ADE3000T Datasheet HTML 74Page - STMicroelectronics ADE3000T Datasheet HTML 75Page - STMicroelectronics ADE3000T Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
Flicker Block
ADE3XXX
72/88
2.20
Flicker Block
The Flicker block computes correlations of the image data with potential inversion patterns of the
LCD which in turn allows the microcontroller to modify the polarity signal to cancel large area flicker.
This function is only useful in SmartPanel applications.
The incoming image is scored against 8 vertical Walsh functions. All patterns are considered to be
vertically, where horizontally the pixels are assumed to be alternating its RGB components.
The scores (0 to 7) are 32-bit unsigned quantities that reflect the correlation of the programmed
window area with the 8 Walsh functions.
The horizontal inversion of the LCD drivers must be programmed into FLICKER_CTRL0[2:0]. The
most common setting is +-+ or -+- (RGB).
A calculation is completed after the number of frames programmed into the FRAME_CNT_MAX reg
(0xCA03). With each frame, the calculation is performed on only a vertical strip. The width of that
strip (in pixels) is determined by the value programmed in the HBLOCK_SIZE reg (0xCA02) with the
following relation: strip width = 2 ^ (3 + HBLOCK_SIZE).
The FREE_RUN/FREEZE_SCORES bit (FLICKER_CTRL0[4]) enables the final calculation to be
captured easily by the microntroller. The internal flicker calculation continues to run -- only the
update of the I2C registers is blocked when this bit is set to prevent corrupution during readout.
Table 25: OSD Register
Register Name
Addr
Mode
Bits
Default
Description
OSD_PORT
0C02
R/W
[7:0]
0
OSD access port
Table 26: Flicker Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Default
Description
FLK_CTRL
0x0CA1
R/W
[7:6]
0x0
Reserved
W
[5]
0x1
0: straight line uniform function
1: straight line hill function (normal)
R/W
[4]
0x0
0: free run
1: freeze scores
Set to a 1 when the microcontroller is
reading multibyte scores to prevent update
corruption.
R/W
[2:0]
0x25
Horizontal Subpixel Polarity Inversion
Pattern of LCD (even/odd pixels)
0x0: -R-G-B / +R+G+B
0x1: -R-G+B / +R+G-B
0x2: -R+G-B / +R-G+B (normal)
0x3: -R+G+B / +R-G-B
0x4: +R-G-B / -R+G+B
0x5: +R-G+B / -R+G-B (normal)
0x6: +R+G-B / -R-G+B
0x7: +R+G+B / -R-G-B
FLK_HBLOCK_SIZE
0x0CA2
R/W
[7:4]
Reserved
[3:0]
0x0
Width in pixels of the per frame scored area
= 2 ^ (3+ HBLOCK_SIZE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com