Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 80 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 76Page - STMicroelectronics ADE3000T Datasheet HTML 77Page - STMicroelectronics ADE3000T Datasheet HTML 78Page - STMicroelectronics ADE3000T Datasheet HTML 79Page - STMicroelectronics ADE3000T Datasheet HTML 80Page - STMicroelectronics ADE3000T Datasheet HTML 81Page - STMicroelectronics ADE3000T Datasheet HTML 82Page - STMicroelectronics ADE3000T Datasheet HTML 83Page - STMicroelectronics ADE3000T Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
I²C RAM Addresses
ADE3XXX
80/88
2.26
I²C RAM Addresses
DFT_STIM_EN_1
0x0F10
[7:6]
Reserved
R/W
[5]
0x0
TCON test bypass
R/W
[4]
0x0
OMUX test stimulus enable
R/W
[3]
0x0
APC test stimulus enable
R/W
[2]
0x0
OSD test stimulus enable
R/W
[1]
0x0
SCL bypass
R/W
[0]
0x0
PGEN test stimulus enable
DFT_BIST_STATUS
0x0F11
[7:6]
Reserved
R
[5]
gamma RAM BIST end
R
[4]
OSD CS RAM BIST end
R
[3]
OSD DRB RAM BIST
R
[2]
OSD MB RAM BIST end
R
[1]
SCL coeff. RAM BIST end
R
[0]
SCL line buffer RAM BIST end
DFT_BIST_RESULT_0
0x0F12
[7:6]
Reserved
R
[5]
SCL coeff RAM 2 BIST fail
R
[4]
SCL coeff RAM 1 BIST fail
R
[3]
SCL line buffer 4 BIST fail
R
[2]
SCL line buffer 3 BIST fail
R
[1]
SCL line buffer 2 BIST fail
R
[0]
SCL line buffer 1 BIST fail
DFT_BIST_RESULT_1
0x0F13
[7]
Reserved
R
[6]
Gamma blue RAM BIST fail
R
[5]
Gamma green RAM BIST fail
R
[4]
Gamma red RAM BIST fail
R
[3]
OSD CS RAM1 BIST fail
R
[2]
OSD CS RAM 2 BIST fail
R
[1]
OSD DRB RAM BIST fail
R
[0]
OSD MB RAM BIST fail
DFT_MFSR_DONE
0x0F14
[7:1]
Reserved
R
[0]
done signal
DFT_MFSR_SIG_0
0x0F15
R
[7:0]
0x0
Video Bus MFSR
DFT_MFSR_SIG_1
0x0F16
R
[7:0]
DFT_MFSR_SIG_2
0x0F17
R
[7:0]
DFT_MFSR_SIG_3
0x0F18
R
[7:0]
Table 32: I²C RAM Addresses
Name
Start Addr.
End Addr.
Description
GAM_RED
0x1000
0x11FF
Gamma LUT, Red, LSB0,MSB0,LSB1,... (256x10)
GAM_GREEN
0x1200
0x13FF
Gamma LUT, Green, (256x10)
GAM_BLUE
0x1400
0x15FF
Gamma LUT, Blue, (256x10)
Table 31: DFT Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com