Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 79 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 75Page - STMicroelectronics ADE3000T Datasheet HTML 76Page - STMicroelectronics ADE3000T Datasheet HTML 77Page - STMicroelectronics ADE3000T Datasheet HTML 78Page - STMicroelectronics ADE3000T Datasheet HTML 79Page - STMicroelectronics ADE3000T Datasheet HTML 80Page - STMicroelectronics ADE3000T Datasheet HTML 81Page - STMicroelectronics ADE3000T Datasheet HTML 82Page - STMicroelectronics ADE3000T Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
79/88
ADE3XXX
DFT Block
2.25
DFT Block
Table 31: DFT Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Default
Description
DFT_TEST_MODE
0x0F00
[7:4]
Reserved
R/W
[3]
0x0
trigger video bus MFSR
R/W
[2]
0x0
enable output pin MFSR
R/W
[1]
0x0
clear output pin MFSR
R/W
[0]
0x0
output pin test override
DFT_MUX_OUT_MODE
0x0F01
[7:6]
Reserved
R/W
[5:0]
0x0
mux selector for output porta/b and syncs
DFT_FLOP_OUT_MODE
0x0F02
[7:6]
Reserved
R/W
[5:0]
0x0
mux selector for synchronous digital debug
bus
DFT_CLK_0UT_MODE
0x0F03
R/W
[7:6]
0x0
divide-by selector for clocks to OCLK pin
fout = selected clock / (2 ^ value)
R/W
[5:0]
0x0
mux selector for clocks to OCLK pin
DFT_CLK_1_MODE
0x0F04
R/W
[7:6]
0x0
divide-by selector for clocks to CLKOUT pin
fout = selected clock / (2 ^ value)
DFT_CLK_2_MODE
0x0F05
R/W
[5:0]
0x0
mux selector for clocks to CLKOUTpin
DFT_OUT_DISAB_0
0x0F06
R/W
[7:0]
0x0
disable porta red output in test mode
DFT_OUT_DISAB_1
0x0F07
R/W
[7:0]
0x0
disable porta green output in test mode
DFT_OUT_DISAB_2
0x0F08
R/W
[7:0]
0x0
disable porta blue output in test mode
DFT_OUT_DISAB_3
0x0F09
R/W
[7:0]
0x0
disable portb red output in test mode
DFT_OUT_DISAB_4
0x0F0A
R/W
[7:0]
0x0
disable portb green output in test mode
DFT_OUT_DISAB_5
0x0F0B
R/W
[7:0]
0x0
disable portb blue output in test mode
DFT_OUT_DISAB_6
0x0F0C
R/W
[7:3]
0x0
disable tcon bits [4:0] in test mode
R/W
[2]
0x0
disable vert sync output in test mode
R/W
[1]
0x0
disable data enab output in test mode
R/W
[0]
0x0
disable horz sync output in test mode
DFT_OUT_DISAB_7
0x0F0D
[7:5]
Reserved
R/W
[4]
0x0
disable CLKOUT output in test mode
R/W
[3]
0x0
disable OCLK output in test mode
R/W
[2:0]
0x0
disable tcon bits [7:5] in test mode
DFT_STIM_CTRL
0x0F0E
[7:6]
Reserved
R/W
[0]
0x0
internal stimulus bus enable
DFT_STIM_EN_0
0x0F0F
R/W
[7]
0x0
SCL test stimulus enable
R/W
[6]
HDCP test stimulus enable
R/W
[5]
DVI test mode enable
R/W
[4]
DVI blue test stimulus enable
R/W
[3]
DVI green test stimulus enable
R/W
[2]
0x0
DVI red test stimulus enable
R/W
[1]
0x0
ADC test stimulus enable
R/W
[0]
0x0
YUV test stimulus enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com